Electronic Components Datasheet Search
  English  ▼

X  

BYG80D Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BYG80D
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYG80D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BYG80D Datasheet HTML 11Page - NXP Semiconductors BYG80D Datasheet HTML 12Page - NXP Semiconductors BYG80D Datasheet HTML 13Page - NXP Semiconductors BYG80D Datasheet HTML 14Page - NXP Semiconductors BYG80D Datasheet HTML 15Page - NXP Semiconductors BYG80D Datasheet HTML 16Page - NXP Semiconductors BYG80D Datasheet HTML 17Page - NXP Semiconductors BYG80D Datasheet HTML 18Page - NXP Semiconductors BYG80D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1997 Nov 25
15
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYG80 series
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD106
97-06-09
DO-214AC
0
2.5
5 mm
scale
Transfer-moulded thermo-setting plastic small rectangular surface mounted package;
2 connectors
SOD106
UNIT
b
A1
cD
E
Q
mm
1.6
1.4
0.2
0.05
2.8
2.4
4.5
4.3
H
5.5
5.1
3.3
2.7
DIMENSIONS (mm are the original dimensions)
A
2.3
2.0
D
H
A
E
b
(1)
A1
Q
c
Note
1. The marking band indicates the cathode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com