Electronic Components Datasheet Search
  English  ▼

X  

SNC572 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC572
Description  Two Channel Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC572 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC572 Datasheet HTML 1Page - SONiX Technology Company SNC572 Datasheet HTML 2Page - SONiX Technology Company SNC572 Datasheet HTML 3Page - SONiX Technology Company SNC572 Datasheet HTML 4Page - SONiX Technology Company SNC572 Datasheet HTML 5Page - SONiX Technology Company SNC572 Datasheet HTML 6Page - SONiX Technology Company SNC572 Datasheet HTML 7Page - SONiX Technology Company SNC572 Datasheet HTML 8Page - SONiX Technology Company SNC572 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SNC572
Two Channel Direct Drive Speech Controller
5 FUNCTION DESCRIPTIONS
5.1. Oscillator
SNC572 accept RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follow.
OSC
VCC
RC Oscillator
5.2. ROM
SNC572 contains substantial 132K words (10-bit) internal ROM. Program, voices and
other data are shared with this same 132K words ROM.
5.3. RAM
SNC572 contains 128 nibbles RAM. The 128 nibbles RAM are divided into eight
pages (page 0 to page 7, 16 nibble RAM on each page).
In our programming
structure, users can easily define and locate RAM page in the program. For instance,
users can use the instructions, PAGEn (n=0 to 7) to switch and indicate the RAM page.
Besides, users can use direct mode, M0 ~ M15 in the data transfer type instructions, to
access all 16 nibbles of each page.
5.4. Power Down Mode
“End” instruction will power down SNC572 and enable IC to consume fewer current for
power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when
the power down mode is activated in SNC572, any valid data transition (L H or H L)
occurring on any input port (P1) or IO ports (P2 and P3) will lead SNC572 back to
normal operation mode.
5.5. Sampling Rate Counters
Ver: 1.4
June 8, 2005
3
2 independent sampling rate counters are dedicated to 2 individual voice channels to
be able to play diverse voices at different sample playing rates. The playing rate can
be adaptively set up among from the wide ranges of 2.5KHz to 20KHz. This feature
makes voice close to its original source and yield the better voice quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com