Electronic Components Datasheet Search
  English  ▼

X  

SNC588 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC588
Description  Two Channel Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC588 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC588 Datasheet HTML 1Page - SONiX Technology Company SNC588 Datasheet HTML 2Page - SONiX Technology Company SNC588 Datasheet HTML 3Page - SONiX Technology Company SNC588 Datasheet HTML 4Page - SONiX Technology Company SNC588 Datasheet HTML 5Page - SONiX Technology Company SNC588 Datasheet HTML 6Page - SONiX Technology Company SNC588 Datasheet HTML 7Page - SONiX Technology Company SNC588 Datasheet HTML 8Page - SONiX Technology Company SNC588 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SNC588
Two Channel Direct Drive Speech Controller
PAD
weak
Port Data
Port Status
Output Port Configuration (P40~P43, P50~P53)
Note: All weak N-MOS’s can serve as pull-low resistors.
5.7. IR Function
P33 can be modulated with 38.5KHz square wave before sent out to P33 pin. The IR
signal can be achieved by this modulated signal.
Mode
38.5KHZ
P33
PAD
"1"
5.8. DAC & PWM
SNC588 is an advanced chip to be designed having two optimal methods to play out
the voices. One is DAC and the other is PWM. Upon user’s applications, user can
select either DAC or PWM in his design. Please be aware that only one method can
be activated at a time.
DAC: A 7-bit current type digital-to-analog converter is built-in SNC588. The
relationship between input digital data and output analog current signal is listed
in the following table. Also, the recommended application circuit is illustrated as
follows.
Ver: 1.4
June 8, 2005
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com