Electronic Components Datasheet Search
  English  ▼

X  

SNC598 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SNC598
Description  Two Channel Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC598 Datasheet(HTML) 1 Page - SONiX Technology Company

  SNC598 Datasheet HTML 1Page - SONiX Technology Company SNC598 Datasheet HTML 2Page - SONiX Technology Company SNC598 Datasheet HTML 3Page - SONiX Technology Company SNC598 Datasheet HTML 4Page - SONiX Technology Company SNC598 Datasheet HTML 5Page - SONiX Technology Company SNC598 Datasheet HTML 6Page - SONiX Technology Company SNC598 Datasheet HTML 7Page - SONiX Technology Company SNC598 Datasheet HTML 8Page - SONiX Technology Company SNC598 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SNC598
Two Channel Direct Drive Speech Controller
1 INTRODUCTION
SNC598 is a two-channel voice synthesizer IC with PWM direct drive circuit. It
built-in a 4-bit tiny controller with one 4-bit input port, two 4-bit output ports and three
4-bit I/O ports. By programming through the tiny controller in SNC598, user’s varied
applications including voice section combination, key trigger arrangement, output
control, and other logic functions can be easily implemented.
2 FEATURES
Single power supply 2.4V – 5.5V
85 seconds voice capacity are provided(@6KHZ sample rate)
Built in a 4-bit tiny controller
One 4-bit input port, two 4-bit output ports and three 4-bit I/O ports are provided
128*4 bits RAM are provided
256K*10 ROM size are provided for voice data and program
Maximum 16k program ROM is provided
Readable ROM code data
IR carrier signal is provided
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Two independent voice channels (Channel 1 + Channel 2
→Buo1,Buo2)
Built in a PWM Direct Drive circuit and a fixed current D/A output
System clock : 2MHz
Low Power Reset
Ver: 1.4
June 8, 2005
1


Similar Part No. - SNC598

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC598 SONIX-SNC598 Datasheet
421Kb / 11P
Two Channel Direct Drive Speech Controller?
More results

Similar Description - SNC598

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC539 SONIX-SNC539 Datasheet
437Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC549 SONIX-SNC549 Datasheet
437Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC562 SONIX-SNC562 Datasheet
430Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC563 SONIX-SNC563 Datasheet
424Kb / 12P
Two Channel Direct Drive Speech Controller?
SNC588 SONIX-SNC588 Datasheet
420Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC5A4 SONIX-SNC5A4 Datasheet
403Kb / 11P
Two Channel Direct Drive Speech Controller?
SNC532 SONIX-SNC532_05 Datasheet
417Kb / 11P
Two Channel Direct Drive Speech Controller
SNC538 SONIX-SNC538_05 Datasheet
406Kb / 11P
Two Channel Direct Drive Speech Controller
SNC558 SONIX-SNC558_05 Datasheet
414Kb / 11P
Two Channel Direct Drive Speech Controller
SNC572 SONIX-SNC572_05 Datasheet
418Kb / 11P
Two Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com