Electronic Components Datasheet Search
  English  ▼

X  

BYM358DX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYM358DX
Description  Damper-Modulator fast, high-voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM358DX Datasheet(HTML) 5 Page - NXP Semiconductors

  BYM358DX Datasheet HTML 1Page - NXP Semiconductors BYM358DX Datasheet HTML 2Page - NXP Semiconductors BYM358DX Datasheet HTML 3Page - NXP Semiconductors BYM358DX Datasheet HTML 4Page - NXP Semiconductors BYM358DX Datasheet HTML 5Page - NXP Semiconductors BYM358DX Datasheet HTML 6Page - NXP Semiconductors BYM358DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Damper-Modulator
BYM358DX
fast, high-voltage
Fig.7. Modulator transient thermal impedance
Z
th = f(tp)
Fig.8. Modulator typical and maximum forward
characteristic; I
F = f(VF); parameter Tj
Fig.9. Modulator maximum t
rr measured to 25% of Irrm;
T
j = 25˚C and 150˚C
Fig.10. Damper transient thermal impedance
Z
th = f(tp)
Fig.11. Damper forward characteristic I
F = f(VF);
parameter T
j
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYV29F
pulse width, tp (s)
Transient thermal impedance, Zth j-hs (K/W)
D =
tp
tp
T
T
P
t
D
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BY359
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
0
1
2
30
20
10
0
typ
max
IF / A
0.5
1.5
VF / V
Tj=150 C
Tj=25 C
BYW29
0
30
20
10
0
1.0
2.0
IF / A
VF / V
max
typ
Tj=125C
Tj=25C
BY359
trr / ns
10
100
1000
10
100
-diF/dt
1A
10A
Tj = 25 C
Tj = 150 C
March 2000
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com