Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 16Page - ATMEL Corporation ATMEGA16 Datasheet HTML 17Page - ATMEL Corporation ATMEGA16 Datasheet HTML 18Page - ATMEL Corporation ATMEGA16 Datasheet HTML 19Page - ATMEL Corporation ATMEGA16 Datasheet HTML 20Page - ATMEL Corporation ATMEGA16 Datasheet HTML 21Page - ATMEL Corporation ATMEGA16 Datasheet HTML 22Page - ATMEL Corporation ATMEGA16 Datasheet HTML 23Page - ATMEL Corporation ATMEGA16 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
ATmega16(L)
2466NS–AVR–10/06
7.
Added “Page Size” on page 265.
Rev. 2466H-12/03
1.
Updated “Calibrated Internal RC Oscillator” on page 29.
Rev. 2466G-10/03
1.
Removed “Preliminary” from the datasheet.
2.
Changed ICP to ICP1 in the datasheet.
3.
Updated “JTAG Interface and On-chip Debug System” on page 36.
4.
Updated assembly and C code examples in “Watchdog Timer Control Regis-
ter – WDTCR” on page 43.
5.
Updated Figure 46 on page 103.
6.
Updated Table 15 on page 38, Table 82 on page 218 and Table 115 on page
279.
7.
Updated “Test Access Port – TAP” on page 223 regarding JTAGEN.
8.
Updated description for the JTD bit on page 232.
9.
Added note 2 to Figure 126 on page 255.
10. Added a note regarding JTAGEN fuse to Table 105 on page 263.
11. Updated Absolute Maximum Ratings* and DC Characteristics in “Electrical
Characteristics” on page 294.
12. Updated “ATmega16 Typical Characteristics” on page 302.
13. Fixed typo for 16 MHz QFN/MLF package in “Ordering Information” on page
11.
14. Added a proposal for solving problems regarding the JTAG instruction
IDCODE in “Errata” on page 15.
Rev. 2466F-02/03
1.
Added note about masking out unused bits when reading the Program
Counter in “Stack Pointer” on page 12.
2.
Added Chip Erase as a first step in “Programming the Flash” on page 291 and
“Programming the EEPROM” on page 292.
3.
Added the section “Unconnected pins” on page 55.
4.
Added tips on how to disable the OCD system in “On-chip Debug System” on
page 34.
5.
Removed reference to the “Multi-purpose Oscillator” application note and
“32 kHz Crystal Oscillator” application note, which do not exist.
6.
Added information about PWM symmetry for Timer0 and Timer2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com