Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit with 8K Bytes In-System Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 15Page - ATMEL Corporation ATMEGA8 Datasheet HTML 16Page - ATMEL Corporation ATMEGA8 Datasheet HTML 17Page - ATMEL Corporation ATMEGA8 Datasheet HTML 18Page - ATMEL Corporation ATMEGA8 Datasheet HTML 19Page - ATMEL Corporation ATMEGA8 Datasheet HTML 20Page - ATMEL Corporation ATMEGA8 Datasheet HTML 21Page - ATMEL Corporation ATMEGA8 Datasheet HTML 22Page - ATMEL Corporation ATMEGA8 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
ATmega8(L)
2486QS–AVR–10/06
Changes from Rev.
2486E-06/02 to Rev.
2486F-07/02
1
Changes in “Digital Input Enable and Sleep Modes” on page 55.
2
Addition of OCS2 in “MOSI/OC2 – Port B, Bit 3” on page 59.
3
The following tables has been updated:
Table 51, “CPOL and CPHA Functionality,” on page 132, Table 59, “UCPOL Bit Set-
tings,” on page 158, Table 72, “Analog Comparator Multiplexed Input(1),” on
page 195, Table 73, “ADC Conversion Time,” on page 200, Table 75, “Input Chan-
nel Selections,” on page 206, and Table 84, “Explanation of Different Variables
used in Figure 103 and the Mapping to the Z-pointer,” on page 221.
5
Changes in “Reading the Calibration Byte” on page 234.
6 Corrected Errors in Cross References.
Changes from Rev.
2486D-03/02 to Rev.
2486E-06/02
1
Updated Some Preliminary Test Limits and Characterization Data
The following tables have been updated:
Table 15, “Reset Characteristics,” on page 38, Table 16, “Internal Voltage Refer-
ence Characteristics,” on page 42, DC Characteristics on page 242, Table , “ADC
Characteristics,” on page 248.
2
Changes in External Clock Frequency
Added the description at the end of “External Clock” on page 32.
Added period changing data in Table 99, “External Clock Drive,” on page 244.
3
Updated TWI Chapter
More details regarding use of the TWI bit rate prescaler and a Table 65, “TWI Bit
Rate Prescaler,” on page 173.
Changes from Rev.
2486C-03/02 to Rev.
2486D-03/02
1
Updated Typical Start-up Times.
The following tables has been updated:
Table 5, “Start-up Times for the Crystal Oscillator Clock Selection,” on page 28,
Table 6, “Start-up Times for the Low-frequency Crystal Oscillator Clock Selection,”
on page 28, Table 8, “Start-up Times for the External RC Oscillator Clock Selec-
tion,” on page 29, and Table 12, “Start-up Times for the External Clock Selection,”
on page 32.
2 Added “ATmega8 Typical Characteristics” on page 249.
Changes from Rev.
2486B-12/01 to Rev.
2486C-03/02
1
Updated TWI Chapter.
More details regarding use of the TWI Power-down operation and using the TWI as
Master with low TWBRR values are added into the datasheet.
Added the note at the end of the “Bit Rate Generator Unit” on page 170.
Added the description at the end of “Address Match Unit” on page 170.
2
Updated Description of OSCCAL Calibration Byte.
In the datasheet, it was not explained how to take advantage of the calibration bytes
for 2, 4, and 8 MHz Oscillator selections. This is now added in the following
sections:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com