Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 27Page - ATMEL Corporation ATMEGA640 Datasheet HTML 28Page - ATMEL Corporation ATMEGA640 Datasheet HTML 29Page - ATMEL Corporation ATMEGA640 Datasheet HTML 30Page - ATMEL Corporation ATMEGA640 Datasheet HTML 31Page - ATMEL Corporation ATMEGA640 Datasheet HTML 32Page - ATMEL Corporation ATMEGA640 Datasheet HTML 33Page - ATMEL Corporation ATMEGA640 Datasheet HTML 34Page - ATMEL Corporation ATMEGA640 Datasheet HTML 35Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
34
ATmega640/1280/1281/2560/2561
2549KS–AVR–01/07
Rev. 2549B-05/05
Rev. 2549A-03/05
4.
Updated “Bit Rate Generator Unit” on page 251.
5.
Updated “Maximum speed vs. VCC” on page 377.
6.
Updated “Ordering Information” on page 18.
7.
Updated “Packaging Information” on page 23. Package 64M1 replaced by
64M2.
8.
Updated “Errata” on page 27.
1.
JTAG ID/Signature for ATmega640 updated: 0x9608.
2.
Updated Table 43 on page 94.
3.
Updated “Serial Programming Instruction set” on page 359.
4.
Updated “Errata” on page 27.
1.
Initial version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com