Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA644 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA644
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA644 Datasheet HTML 9Page - ATMEL Corporation ATMEGA644 Datasheet HTML 10Page - ATMEL Corporation ATMEGA644 Datasheet HTML 11Page - ATMEL Corporation ATMEGA644 Datasheet HTML 12Page - ATMEL Corporation ATMEGA644 Datasheet HTML 13Page - ATMEL Corporation ATMEGA644 Datasheet HTML 14Page - ATMEL Corporation ATMEGA644 Datasheet HTML 15Page - ATMEL Corporation ATMEGA644 Datasheet HTML 16Page - ATMEL Corporation ATMEGA644 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
2593LS–AVR–02/07
ATmega644
OUT
P, Rr
Out Port
P
← Rr
None
1
PUSH
Rr
Push Register on Stack
STACK
← Rr
None
2
POP
Rd
Pop Register from Stack
Rd
← STACK
None
2
MCU CONTROL INSTRUCTIONS
NOP
No Operation
None
1
SLEEP
Sleep
(see specific descr. for Sleep function)
None
1
WDR
Watchdog Reset
(see specific descr. for WDR/timer)
None
1
BREAK
Break
For On-chip Debug Only
None
N/A
Mnemonics
Operands
Description
Operation
Flags
#Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com