Electronic Components Datasheet Search
  English  ▼

X  

AT43USB351M Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/ Low-speed USB Microcontroller with ADC and PWM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB351M Datasheet HTML 1Page - ATMEL Corporation AT43USB351M Datasheet HTML 2Page - ATMEL Corporation AT43USB351M Datasheet HTML 3Page - ATMEL Corporation AT43USB351M Datasheet HTML 4Page - ATMEL Corporation AT43USB351M Datasheet HTML 5Page - ATMEL Corporation AT43USB351M Datasheet HTML 6Page - ATMEL Corporation AT43USB351M Datasheet HTML 7Page - ATMEL Corporation AT43USB351M Datasheet HTML 8Page - ATMEL Corporation AT43USB351M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
• AVR® Microcontroller-based Function Controller
• Fully Programmable USB Low/Full-speed Function with Five Endpoints
• High Performance and Low Power 1.5/12/24 MIPs AVR RISC Microcontroller
• 120 Powerful Instructions – Most with 83 ns Execution Cycle Times
• 24 KB Masked ROM Program Memory
• 1 KB Internal SRAM
• 32 x 8 General-purpose Working Registers
• 19 Programmable I/O Port Pins
• 12 Channels 10-bit A-to-D Converter
• Programmable SPI Serial Interface
• One 8-bit Timer Counter with Separate Pre-scaler
• One 16-bit Timer Counter with Separate Pre-scaler and Two PWMs
• External and Internal Interrupt Sources
• Programmable Watchdog Timer
• Low Power Idle and Power-down Modes
• 6 MHz Crystal Oscillator with PLL
• 5V Operation with On-chip 3.3V Regulators
• 48-lead LQFP Package
• Binary-compatible with the AT43USB355
Description
The Atmel AT43USB351M is a USB AVR-based microcontroller that is configurable as
a low-speed or full-speed USB device. Its program memory is a 24-Kbyte mask pro-
grammable ROM and its data memory is 1-Kbyte SRAM. The on-chip peripherals
consists of 19 general-purpose I/O ports, two timer-counters, SPI serial interface, a
PWM and a 10-bit AD converter with 12 input channels.
The MCU of the AT43USB351M is a high performance 8-bit AVR RISC that operates
at a clock frequency of 1.5 MHz, 12 MHz or 24 MHz. The A-to-D converter has a min-
imum conversion time of 12 µs that together with the 12 input channel should cover
even the most demanding game controllers such as gamepads, joysticks and racing
wheels. The two PWM outputs can be programmed for 8-, 9- or 10-bit resolution for
applications requiring force feedback. The 19 general-purpose programmable I/O pins
provide generous inputs for the various buttons and switches and LED indicators that
are being used in increasing numbers in today's game controllers.
The USB function has one control endpoint and four additional programmable end-
points, each with their own FIFOs. Two of the endpoints have a 64-byte FIFO each,
while the other two have 8-byte FIFOs. The USB hardware supports the physical and
link layers of the USB protocol while the transaction layer function must be imple-
mented in the MCU's fir m ware. The AVR architecture was developed to be
programmed in C efficiently and without loss in performance.
The AT43USB351M is binary-compatible with the AT43USB355. Program develop-
ment and debugging for the AT43USB351M uses the AT43DK355 and all its tools and
libraries.
Full-speed/
Low-speed
USB
Microcontroller
with ADC and
PWM
AT43USB351M
Summary
Rev. 3302CS–USB–2/04


Similar Part No. - AT43USB351M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M-AC ATMEL-AT43USB351M-AC Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
More results

Similar Description - AT43USB351M

ManufacturerPart #DatasheetDescription
logo
Winbond
W81E381 WINBOND-W81E381 Datasheet
695Kb / 63P
FULL SPEED USB INTEGRATED MICROCONTROLLER
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
Full-speed USB Hub/Function Microcontroller
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
USB Full Speed Microcontroller
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
8-bit Microcontroller with Full Speed USB Device
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com