Electronic Components Datasheet Search
  English  ▼

X  

BYM56 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYM56
Description  Controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM56 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYM56 Datasheet HTML 1Page - NXP Semiconductors BYM56 Datasheet HTML 2Page - NXP Semiconductors BYM56 Datasheet HTML 3Page - NXP Semiconductors BYM56 Datasheet HTML 4Page - NXP Semiconductors BYM56 Datasheet HTML 5Page - NXP Semiconductors BYM56 Datasheet HTML 6Page - NXP Semiconductors BYM56 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 May 24
4
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
BYM56 series
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRRMmax; δ = 0.5.
Lead length 10 mm.
handbook, halfpage
0
200
5.0
0
1.0
MBG037
2.0
3.0
4.0
40
80
120
160
IF(AV)
(A)
Ttp (
oC)
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.9.
handbook, halfpage
0
200
2.0
0
0.4
MBG058
0.8
1.2
1.6
40
80
120
160
IF(AV)
(A)
Tamb (
oC)
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
handbook, halfpage
01
2
4
5
0
4
MGC746
3
3
2
1
2.5
2
P
(W)
I
F(AV)
(A)
1.42
a = 3
1.57
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.5
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
200
0
400
1200
0
MSA873
800
100
V
(V)
R
AB
C
D
E
Tj
(
°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com