Electronic Components Datasheet Search
  English  ▼

X  

LP5812 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP5812
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5812 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP5812 Datasheet HTML 35Page - Texas Instruments LP5812 Datasheet HTML 36Page - Texas Instruments LP5812 Datasheet HTML 37Page - Texas Instruments LP5812 Datasheet HTML 38Page - Texas Instruments LP5812 Datasheet HTML 39Page - Texas Instruments LP5812 Datasheet HTML 40Page - Texas Instruments LP5812 Datasheet HTML 41Page - Texas Instruments LP5812 Datasheet HTML 42Page - Texas Instruments LP5812 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Register Acronym
Address Type D7
D6
D5
D4
D3
D2
D1
D0
Default
LED_B2_AEU3_PW
M_4
17Fh
R/W
led_b2_aeu3_pwm4
00h
LED_B2_AEU3_PW
M_5
180h
R/W
led_b2_aeu3_pwm5
00h
LED_B2_AEU3_T12 181h
R/W
led_b2_aeu3_t2
led_b2_aeu3_t1
00h
LED_B2_AEU3_T34 182h
R/W
led_b2_aeu3_t4
led_b2_aeu3_t3
00h
LED_B2_AEU3_Pla
yback
183h
R/W
Reserved
led_b2_aeu3_pt
00h
LED_C0 Autonomous Animation Registers
LED_C0_Auto_Pau
se
184h
R/W
led_c0_pause_start
led_c0_pause_stop
00h
LED_C0_Auto_Play
back
185h
R/W
Reserved
led_c0_aeu_num
led_c0_pt
00h
LED_C0_AEU1_PW
M_1
186h
R/W
led_c0_aeu1_pwm1
00h
LED_C0_AEU1_PW
M_2
187h
R/W
led_c0_aeu1_pwm2
00h
LED_C0_AEU1_PW
M_3
188h
R/W
led_c0_aeu1_pwm3
00h
LED_C0_AEU1_PW
M_4
189h
R/W
led_c0_aeu1_pwm4
00h
LED_C0_AEU1_PW
M_5
18Ah
R/W
led_c0_aeu1_pwm5
00h
LED_C0_AEU1_T12 18Bh
R/W
led_c0_aeu1_t2
led_c0_aeu1_t1
00h
LED_C0_AEU1_T34 18Ch
R/W
led_c0_aeu1_t4
led_c0_aeu1_t3
00h
LED_C0_AEU1_Pla
yback
18Dh
R/W
Reserved
led_c0_aeu1_pt
00h
LED_C0_AEU2_PW
M_1
18Eh
R/W
led_c0_aeu2_pwm1
00h
LED_C0_AEU2_PW
M_2
18Fh
R/W
led_c0_aeu2_pwm2
00h
LED_C0_AEU2_PW
M_3
190h
R/W
led_c0_aeu2_pwm3
00h
LED_C0_AEU2_PW
M_4
191h
R/W
led_c0_aeu2_pwm4
00h
LED_C0_AEU2_PW
M_5
192h
R/W
led_c0_aeu2_pwm5
00h
LED_C0_AEU2_T12 193h
R/W
led_c0_aeu2_t2
led_c0_aeu2_t1
00h
LED_C0_AEU2_T34 194h
R/W
led_c0_aeu2_t4
led_c0_aeu2_t3
00h
LED_C0_AEU2_Pla
yback
195h
R/W
Reserved
led_c0_aeu2_pt
00h
LED_C0_AEU3_PW
M_1
196h
R/W
led_c0_aeu3_pwm1
00h
LED_C0_AEU3_PW
M_2
197h
R/W
led_c0_aeu3_pwm2
00h
LED_C0_AEU3_PW
M_3
198h
R/W
led_c0_aeu3_pwm3
00h
LED_C0_AEU3_PW
M_4
199h
R/W
led_c0_aeu3_pwm4
00h
LED_C0_AEU3_PW
M_5
19Ah
R/W
led_c0_aeu3_pwm5
00h
LED_C0_AEU3_T12 19Bh
R/W
led_c0_aeu3_t2
led_c0_aeu3_t1
00h
LED_C0_AEU3_T34 19Ch
R/W
led_c0_aeu3_t4
led_c0_aeu3_t3
00h
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com