Electronic Components Datasheet Search
  English  ▼

X  

TUSB211A Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB211A
Description  TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211A Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB211A Datasheet HTML 16Page - Texas Instruments TUSB211A Datasheet HTML 17Page - Texas Instruments TUSB211A Datasheet HTML 18Page - Texas Instruments TUSB211A Datasheet HTML 19Page - Texas Instruments TUSB211A Datasheet HTML 20Page - Texas Instruments TUSB211A Datasheet HTML 21Page - Texas Instruments TUSB211A Datasheet HTML 22Page - Texas Instruments TUSB211A Datasheet HTML 23Page - Texas Instruments TUSB211A Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(R0.05) TYP
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
12X (0.2)
8X (0.5)
(1.3)
(1.5)
2X (0.4)
4X (0.7)
6X (0.4)
X2QFN - 0.4 mm max height
RWB0012A
PLASTIC QUAD FLATPACK - NO LEAD
4221631/B 07/2017
SYMM
1
2
7
12
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:30X
9
3
6
8
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com