Electronic Components Datasheet Search
  English  ▼

X  

AATS643LSH Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # AATS643LSH
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AATS643LSH Datasheet(HTML) 3 Page - Allegro MicroSystems

  AATS643LSH_06 Datasheet HTML 1Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 2Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 3Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 4Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 5Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 6Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 7Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 8Page - Allegro MicroSystems AATS643LSH_06 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
OPERATING CHARACTERISTICS
using reference target 60-0, TA and VCC within specification, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating; TJ < 165 °C
4.0
–
24
V
Undervoltage Lockout
VCC(UV)
VCC 0 → 5 V
–
3.5
4.0
V
Supply Zener Clamp Voltage
VZ
ICC = 19 mA for ATS643-I1, and 19.8 mA for
ATS643-I2; TA = 25°C
28
–
–
V
Supply Current
ICC(Low)
ATS643-I1
4.0
6
8.0
mA
ATS643-I2
5.9
7
8.4
mA
ICC(High)
ATS643-I1
12.0
14.0
16.0
mA
ATS643-I2
11.8
14.0
16.8
mA
Supply Current Ratio
ICC(High)
/
ICC(Low)
Ratio of high current to low current
1.85
–
3.05
–
POWER-ON CHARACTERISTICS
Power-On State
ICC(PO)
t < ton; dI/dt < 5 μs
–
High
–
mA
Power-On Time1
ton
Target gear speed < 100 rpm
–
1
2
ms
OUTPUT STAGE
Output Slew Rate2
dI/dt
RLOAD = 100 Ω, CLOAD = 10 pF
–
7
–
mA/μs
Output State
VOUT
RSENSE on high side (VCC pin); ICC = ICC(High)
–
Low
–
mV
RSENSE on low side (GND pin); ICC = ICC(High)
–
High
–
mV
Continued on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com