Electronic Components Datasheet Search
  English  ▼

X  

BYM63 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYM63
Description  Ripple blocking diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM63 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYM63 Datasheet HTML 1Page - NXP Semiconductors BYM63 Datasheet HTML 2Page - NXP Semiconductors BYM63 Datasheet HTML 3Page - NXP Semiconductors BYM63 Datasheet HTML 4Page - NXP Semiconductors BYM63 Datasheet HTML 5Page - NXP Semiconductors BYM63 Datasheet HTML 6Page - NXP Semiconductors BYM63 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Jun 10
3
Philips Semiconductors
Product specification
Ripple blocking diode
BYM63
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.8.
For more information please refer to the
‘General Part of Handbook SC01.’
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 2 A; Tj = Tj max; see Fig.5
−
−
1.34
V
IF = 2 A; see Fig.5
−
−
2.30
V
IR
reverse current
VR = VRRMmax;
see Fig.6
−
−
10
µA
VR = VRRMmax; Tj = 165 °C;
see Fig.6
−
−
150
µA
tfr
forward recovery time
when switched to IF = 5 A
in 50 ns; see Fig.9
−
−
1.5
µs
ton
turn-on time
when switched from VF = 0 V to
VF = 3 V; measured between
10% and 90% of IF max;
see Fig.11
400
−
−
ns
trr
reverse recovery time
when switched from IF = 0.5 A to
IR = 1 A; measured at
IR = 0.25 A; see Fig.11
−
−
150
ns
Cd
diode capacitance
f = 1 MHz; VR = 0 V; see Fig.7
−
65
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
25
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
75
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com