Electronic Components Datasheet Search
  English  ▼

X  

AD8367 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 3 Page - Analog Devices

  AD8367_05 Datasheet HTML 1Page - Analog Devices AD8367_05 Datasheet HTML 2Page - Analog Devices AD8367_05 Datasheet HTML 3Page - Analog Devices AD8367_05 Datasheet HTML 4Page - Analog Devices AD8367_05 Datasheet HTML 5Page - Analog Devices AD8367_05 Datasheet HTML 6Page - Analog Devices AD8367_05 Datasheet HTML 7Page - Analog Devices AD8367_05 Datasheet HTML 8Page - Analog Devices AD8367_05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8367
Rev. A | Page 3 of 24
SPECIFICATIONS
VS = 5 V, TA = 25°C, system impedance ZO = 200 Ω, VMODE = 5 V, f = 10 MHz, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
LF
500
MHz
GAIN Range
45
dB
INPUT STAGE
Pins INPT and ICOM
Maximum Input
To avoid input overload
700
mV p-p
Input Resistance
From INPT to ICOM
175
200
225
Ω
GAIN CONTROL INTERFACE
Pin GAIN
Scaling Factor
VMODE = 5 V, 50 mV ≤ VGAIN ≤ 950 mV
+20
mV/dB
VMODE = 0 V, 50 mV ≤ VGAIN ≤ 950 mV
−20
mV/dB
Gain Law Conformance
100 mV ≤ VGAIN ≤ 900 mV
±0.2
dB
Maximum Gain
VGAIN = 0.95 V
+42.5
dB
Minimum Gain
VGAIN = 0.05 V
−2.5
dB
VGAIN Step Response
From 0 dB to 30 dB
300
ns
From 30 dB to 0 dB
300
ns
Small Signal Bandwidth
VGAIN = 0.5 V
5
MHz
OUTPUT STAGE
Pin VOUT
Maximum Output Voltage Swing
RL = 1 kΩ
4.3
V p-p
RL = 200 Ω
3.5
V p-p
Output Source Resistance
Series resistance of output buffer
50
Ω
Output Centering Voltage1
VS/2
V
SQUARE LAW DETECTOR
Pin DETO
Output Set Point
354
mV rms
AGC Small Signal Response Time
CAGC = 100 pF, 6 dB gain step
1
μs
POWER INTERFACE
Pins VPSI, VPSO, ICOM, and OCOM
Supply Voltage
2.7
5.5
V
Total Supply Current
ENBL high, maximum gain, RL = 200 Ω
(includes load current)
26
30
mA
Disable Current vs. Temperature
ENBL low
1.3
1.6
mA
−40°C ≤ TA ≤ +85°C
1.8
mA
MODE CONTROL INTERFACE
Pin MODE
Mode LO Threshold
Device in negative slope mode of operation
1.2
V
Mode HI Threshold
Device in positive slope mode of operation
1.4
V
ENABLE INTERFACE
Pin ENBL
Enable Threshold
2.5
V
Enable Response Time
Time delay following LO to HI transition until
device meets full specifications.
1.5
μs
Enable Input Bias Current
ENBL at 5 V
27
μA
ENBL at 0 V
32
nA
f = 70 MHz
Gain
Maximum gain
+42.5
dB
Minimum gain
−3.7
dB
Gain Scaling Factor
19.9
mV/dB
Gain Intercept
−5.6
dB
Noise Figure
Maximum gain
6.2
dB
Output IP3
f1 = 70 MHz, f2 = 71 MHz, VGAIN = 0.5 V
36.5
dBm
29.5
dBV rms
Output 1 dB Compression Point
VGAIN = 0.5 V
8.5
dBm
1.5
dBV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com