Electronic Components Datasheet Search
  English  ▼

X  

AD8367 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices AD8367 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8367
Rev. A | Page 8 of 24
40
35
30
25
20
15
10
33
28
23
18
13
8
3
10
1000
100
FREQUENCY (MHz)
Figure 9. OIP3 vs. Frequency for VGAIN = 500 mV
4
2
0
–2
–4
–6
–8
11
9
7
5
3
1
–1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN (V)
200MHz
140MHz
70MHz
10MHz
Figure 10. Output P1dB vs. VGAIN
5
–5
–4
–3
–2
–1
0
1
2
3
4
12
2
3
4
5
6
7
8
9
10
11
10
100
1000
FREQUENCY (MHz)
Figure 11. Output P1dB vs. Frequency at VGAIN = 500 mV
0
–80
–70
–60
–50
–40
–30
–20
–10
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
240MHz
140MHz
10MHz
70MHz
Figure 12. IMD3 vs. Gain (VOUT = 1 V p-p Composite)
4
–8
–6
–4
–2
0
2
11
9
7
5
3
1
–1
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VS (V)
Figure 13. Output Compression Point vs. Supply Voltage at 70 MHz,
VGAIN = 500 mV
40
35
30
25
20
15
10
5
0
33
–7
–2
3
8
13
18
23
28
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VS (V)
Figure 14. Output Third-Order Intercept vs. Supply Voltage at 70 MHz,
VGAIN = 500 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com