Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8571 Datasheet HTML 5Page - Analog Devices AD8571 Datasheet HTML 6Page - Analog Devices AD8571 Datasheet HTML 7Page - Analog Devices AD8571 Datasheet HTML 8Page - Analog Devices AD8571 Datasheet HTML 9Page - Analog Devices AD8571 Datasheet HTML 10Page - Analog Devices AD8571 Datasheet HTML 11Page - Analog Devices AD8571 Datasheet HTML 12Page - Analog Devices AD8571 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8571/AD8572/AD8574
Rev. B | Page 9 of 24
VS = ±1.35V
CL = 50pF
RL =
∞
AV = 1
5µs
50mV
Figure 25. Small Signal Transient Response at 2.7 V
VS = ±2.5V
CL = 50pF
RL =
∞
AV = 1
5µs
50mV
Figure 26. Small Signal Transient Response at 5 V
0
10
100
1k
10k
CAPACITANCE (pF)
50
45
0
40
35
30
25
20
15
10
5
–OS
+OS
VS = ±1.35V
RL = 2kΩ
TA = 25°C
Figure 27. Small Signal Overshoot vs. Load Capacitance at 2.7 V
45
0
5
10
15
20
25
30
35
40
10
100
1k
10k
CAPACITANCE (pF)
VS = ±2.5V
RL = 2kΩ
TA = 25°C
–OS
+OS
Figure 28. Small Signal Overshoot vs. Load Capacitance at 5 V
0V
VIN
VOUT
0V
BOTTOM SCALE: 1V/DIV
TOP SCALE: 200mV/DIV
VS = ±2.5V
VIN = –200mV p-p
(RET TO GND)
CL = 0pF
RL = 10kΩ
AV = –100
20µs
1V
Figure 29. Positive Overvoltage Recovery
0V
VIN
VOUT
0V
BOTTOM SCALE: 1V/DIV
TOP SCALE: 200mV/DIV
20µs
1V
VS = ±2.5V
VIN = 200mV p-p
(RET TO GND)
CL = 0pF
RL = 10kΩ
AV = –100
Figure 30. Negative Overvoltage Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com