Electronic Components Datasheet Search
  English  ▼

X  

AD85063 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AD85063
Description  精简型 DC-DC 降压电路
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD85063 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AD85063 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD85063 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD85063 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD85063 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
精简型 DC-DC 降压电路
==================================第 3 页 共 4 页==============================
电特性(Vcc=12V,T
A=0°
C~85°C,除非另外规定)
:
参数名称
测试条件
最小值
典型值
最大值
单位
电源电压 V
CC
接应用电路,无负载
3.0
12.0
32
V
电源电流 I
CC
Vsc=VCC = 12V,
接应用电路,无负载
--
5.0
8.0
mA
线性调整
Vin = 12V~25V, IO = 700mA
--
--
20
mV
负载调整
Vin =12V, IO=50mA~700mA
--
--
100
mV
输出纹波
Vin = 12V, IO = 700mA
--
--
100
mVp-p
短路电流
Vin = 25V, RL = 0.1Ω
--
--
0.6
A
Vin = 12V, RL = 0.1Ω
--
--
1.2
A
频率
VCC = 12V,IO = 700mA
80
100
120
KHz
效率
Vcc=12V,Io=700mA
--
80
--
%
直流放大倍数 hfe
ISW=1A,VCE=5V,TA=25°C
50
120
集电极漏电流 I
C
VCE=40V
0.01
100
µA
应用电路图:
AD84068/AD85063



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com