Electronic Components Datasheet Search
  English  ▼

X  

AD8554AR Datasheet(PDF) 19 Page - Analog Devices

Part # AD8554AR
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554AR Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8554AR Datasheet HTML 15Page - Analog Devices AD8554AR Datasheet HTML 16Page - Analog Devices AD8554AR Datasheet HTML 17Page - Analog Devices AD8554AR Datasheet HTML 18Page - Analog Devices AD8554AR Datasheet HTML 19Page - Analog Devices AD8554AR Datasheet HTML 20Page - Analog Devices AD8554AR Datasheet HTML 21Page - Analog Devices AD8554AR Datasheet HTML 22Page - Analog Devices AD8554AR Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 19 of 24
OUTPUT PHASE REVERSAL
Output phase reversal occurs in some amplifiers when the input
common-mode voltage range is exceeded. As common-mode
voltage moves outside of the common-mode range, the outputs
of these amplifiers suddenly jump in the opposite direction to
the supply rail. This is the result of the differential input pair
shutting down and causing a radical shifting of internal
voltages, resulting in the erratic output behavior.
The AD855x amplifiers have been carefully designed to prevent
any output phase reversal, provided both inputs are maintained
within the supply voltages. If there is the potential of one or
both inputs exceeding either supply voltage, place a resistor in
series with the input to limit the current to less than 2 mA to
ensure the output does not reverse its phase.
CAPACITIVE LOAD DRIVE
The AD855x family has excellent capacitive load driving
capabilities and can safely drive up to 10 nF from a single 5 V
supply. Although the device is stable, capacitive loading limits
the bandwidth of the amplifier. Capacitive loads also increase
the amount of overshoot and ringing at the output. An R-C
snubber network, shown in Figure 61, can be used to
compensate the amplifier against capacitive load ringing and
overshoot.
5V
VIN
200mV p-p
RX
60Ω
CX
0.47µF
CL
4.7nF
VOUT
AD8551/
AD8552/
AD8554
Figure 61. Snubber Network Configuration for Driving Capacitive Loads
Although the snubber does not recover the loss of amplifier
bandwidth from the load capacitance, it does allow the
amplifier to drive larger values of capacitance while maintaining
a minimum of overshoot and ringing. Figure 62 shows the
output of an AD855x driving a 1 nF capacitor with and without
a snubber network.
WITH
SNUBBER
WITHOUT
SNUBBER
10µs
100mV
VSY = 5V
CLOAD = 4.7nF
Figure 62. Overshoot and Ringing are Substantially Reduced
Using a Snubber Network
The optimum value for the resistor and capacitor is a function
of the load capacitance and is best determined empirically because
actual CLOAD (CL) includes stray capacitances and may differ
substantially from the nominal capacitive load. Table 5 shows
some snubber network values that can be used as starting points.
Table 5. Snubber Network Values for Driving Capacitive Loads
CLOAD
RX
CX
1 nF
200 Ω
1 nF
4.7 nF
60 Ω
0.47 μF
10 nF
20 Ω
10 μF
POWER-UP BEHAVIOR
At power-up, the AD855x settles to a valid output within 5 μs.
Figure 63 shows an oscilloscope photo of the output of the
amplifier with the power supply voltage, and Figure 64 shows
the test circuit. With the amplifier configured for unity gain, the
device takes approximately 5 μs to settle to its final output
voltage. This turn-on response time is much faster than most
other autocorrection amplifiers, which can take hundreds of
microseconds or longer for their output to settle.
V+
0V
0V
VOUT
5µs
1V
BOTTOM TRACE = 2V/DIV
TOP TRACE = 1V/DIV
Figure 63. AD855x Output Behavior on Power-Up
VOUT
AD8551/
AD8552/
AD8554
VSY = 0V TO 5V
100kΩ
100kΩ
Figure 64. AD855x Test Circuit for Turn-On Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com