Electronic Components Datasheet Search
  English  ▼

X  

ADL5330 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5330
Description  10 MHz to 3 GHz VGA with 60 dB Gain Control Range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5330 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5330 Datasheet HTML 12Page - Analog Devices ADL5330 Datasheet HTML 13Page - Analog Devices ADL5330 Datasheet HTML 14Page - Analog Devices ADL5330 Datasheet HTML 15Page - Analog Devices ADL5330 Datasheet HTML 16Page - Analog Devices ADL5330 Datasheet HTML 17Page - Analog Devices ADL5330 Datasheet HTML 18Page - Analog Devices ADL5330 Datasheet HTML 19Page - Analog Devices ADL5330 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5330
Rev. A | Page 16 of 24
INLO
INHI
GAIN
OPLO
OPHI
DIRECTIONAL
COUPLER
ATTENUATOR
VPOS
COMM
ADL5330
+5V
+5V
+5V
COMM
VOUT
VPOS
VSET
INHI
INLO
CLPF
AD8318
LOG AMP
DAC
RF INPUT
SIGNAL
RF OUTPUT
SIGNAL
412
Ω
1k
Ω
SETPOINT
VOLTAGE
220pF
1nF
1nF
120nH
120nH
100pF
100pF
100pF
100pF
Figure 37. ADL5330 Operating in an Automatic Gain Control Loop in Combination with the AD8318
Figure 38 shows the transfer function of the output power vs.
the VSET voltage over temperature for a 900 MHz sine wave
with an input power of −1.5 dBm. Note that the power control
of the AD8318 has a negative sense. Decreasing VSET, which
corresponds to demanding a higher signal from the ADL5330,
tends to increase GAIN.
The AGC loop is capable of controlling signals just under the
full 60 dB gain control range of the ADL5330. The performance
over temperature is most accurate over the highest power range,
where it is generally most critical. Across the top 40 dB range of
output power, the linear conformance error is well within
±0.5 dB over temperature.
–4
4
3
2
1
0
–1
–2
–3
SETPOINT VOLTAGE (V)
2.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
30
20
10
0
–10
–20
–30
–40
–50
Figure 38. ADL5330 Output Power vs. AD8318 Setpoint Voltage,
PIN = −1.5 dBm
The broadband noise added by the logarithmic amplifier is
negligible.
In order for the AGC loop to remain in equilibrium, the
AD8318 must track the envelope of the ADL5330 output signal
and provide the necessary voltage levels to the ADL5330’s gain
control input. Figure 39 shows an oscilloscope screenshot of the
AGC loop depicted in Figure 37. A 100 MHz sine wave with
50% AM modulation is applied to the ADL5330. The output
signal from the ADL5330 is a constant envelope sine wave with
amplitude corresponding to a setpoint voltage at the AD8318 of
1.5 V. Also shown is the gain control response of the AD8318 to
the changing input envelope.
AD8318 OUTPUT
CH1 250mV
Ω
CH3 250mV
Ω
M2.00ms
A CH4
1.80V
1
3
T
0.00000s
T
T
ADL5330 OUTPUT
AM MODULATED INPUT
Figure 39. Oscilloscope Screenshot Showing an AM Modulated Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com