Electronic Components Datasheet Search
  English  ▼

X  

AD603AR Datasheet(PDF) 16 Page - Analog Devices

Part # AD603AR
Description  Low Noise, 90 MHz Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603AR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD603AR Datasheet HTML 12Page - Analog Devices AD603AR Datasheet HTML 13Page - Analog Devices AD603AR Datasheet HTML 14Page - Analog Devices AD603AR Datasheet HTML 15Page - Analog Devices AD603AR Datasheet HTML 16Page - Analog Devices AD603AR Datasheet HTML 17Page - Analog Devices AD603AR Datasheet HTML 18Page - Analog Devices AD603AR Datasheet HTML 19Page - Analog Devices AD603AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD603
Rev. G | Page 16 of 20
VC
2.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 42. Gain Error for Cascaded Stages–Sequential Control
PARALLEL MODE (SIMPLEST GAIN CONTROL
INTERFACE)
In this mode, the gain control of voltage is applied to both
inputs in parallel—the GPOS pins of both A1 and A2 are
connected to the control voltage and the GNEW inputs are
grounded. The gain scaling is then doubled to 80 dB/V,
requiring only a 1.00 V change for an 80 dB change of gain:
Gain = (dB) = 80 VG + GO
(4)
where, as before, GO depends on the range selected; for example,
in the maximum bandwidth mode, GO is +20 dB. Alternatively,
the GNEG pins may be connected to an offset voltage of
0.500 V, in which case GO is −20 dB.
The amplitude of the gain ripple in this case is also doubled, as
shown in Figure 43, while the instantaneous signal-to-noise
ratio at the output of A2 now decreases linearly as the gain
increases, as shown in Figure 44.
VC
2.2
–0.2
0
0.2
0.4
0.6
1.0
1.2
0.8
1.6
1.8
2.0
1.4
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 43. Gain Error for Cascaded Stages—Parallel Control
VC
1.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
90
80
85
75
65
70
55
60
50
Figure 44. ISNR for Cascaded Stages—Parallel Control
LOW GAIN RIPPLE MODE (MINIMUM GAIN ERROR)
As can be seen in Figure 42 and Figure 43, the error in the gain
is periodic, that is, it shows a small ripple. (Note that there is
also a variation in the output offset voltage, which is due to the
gain interpolation, but this is not exact in amplitude.) By
offsetting the gains of A1 and A2 by half the period of the
ripple, that is, by 3 dB, the residual gain errors of the two
amplifiers can be made to cancel. Figure 45 shows much lower
gain ripple when configured in this manner. Figure 46 plots the
ISNR as a function of gain; it is very similar to that in the
parallel mode.
VC
1.1
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
3.0
2.5
2.0
1.5
1.0
0.5
–0.5
–1.0
0
–1.5
–2.0
–2.5
–3.0
Figure 45. Gain Error for Cascaded Stages—Low Ripple Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com