Electronic Components Datasheet Search
  English  ▼

X  

AD620AN Datasheet(PDF) 9 Page - Analog Devices

Part # AD620AN
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620AN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD620AN Datasheet HTML 5Page - Analog Devices AD620AN Datasheet HTML 6Page - Analog Devices AD620AN Datasheet HTML 7Page - Analog Devices AD620AN Datasheet HTML 8Page - Analog Devices AD620AN Datasheet HTML 9Page - Analog Devices AD620AN Datasheet HTML 10Page - Analog Devices AD620AN Datasheet HTML 11Page - Analog Devices AD620AN Datasheet HTML 12Page - Analog Devices AD620AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD620
Rev. G | Page 9 of 20
FREQUENCY (Hz)
160
1M
80
40
1
60
0.1
140
100
120
100k
10k
1k
100
10
20
G = 1000
G = 100
G = 10
G = 1
180
Figure 17. Positive PSR vs. Frequency, RTI (G = 1−1000)
FREQUENCY (Hz)
160
1M
80
40
1
60
0.1
140
100
120
100k
10k
1k
100
10
20
180
G = 10
G = 100
G = 1
G = 1000
Figure 18. Negative PSR vs. Frequency, RTI (G = 1−1000)
1000
100
10M
100
1
1k
10
100k
1M
10k
FREQUENCY (Hz)
0.1
Figure 19. Gain vs. Frequency
FREQUENCY (Hz)
35
0
1M
15
5
10k
10
1k
30
20
25
100k
G = 10, 100, 1000
G = 1
G = 1000
G = 100
Figure 20. Large Signal Frequency Response
20
+1.0
+0.5
5
0
+1.5
–1.5
–1.0
–0.5
15
10
SUPPLY VOLTAGE ± Volts
+VS –0.0
–VS +0.0
Figure 21. Input Voltage Range vs. Supply Voltage, G = 1
20
+1.0
+0.5
5
0
+1.5
–1.5
–1.0
–0.5
15
10
SUPPLY VOLTAGE ± Volts
RL = 10kΩ
RL = 2kΩ
RL = 10kΩ
RL = 2kΩ
+VS
–VS
–0.0
+0.0
Figure 22. Output Voltage Swing vs. Supply Voltage, G = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com