Electronic Components Datasheet Search
  English  ▼

X  

AD600JR Datasheet(PDF) 9 Page - Analog Devices

Part # AD600JR
Description  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD600JR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD600JR Datasheet HTML 5Page - Analog Devices AD600JR Datasheet HTML 6Page - Analog Devices AD600JR Datasheet HTML 7Page - Analog Devices AD600JR Datasheet HTML 8Page - Analog Devices AD600JR Datasheet HTML 9Page - Analog Devices AD600JR Datasheet HTML 10Page - Analog Devices AD600JR Datasheet HTML 11Page - Analog Devices AD600JR Datasheet HTML 12Page - Analog Devices AD600JR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD600/AD602
Rev. E | Page 9 of 28
500mV
1V
200ns
10
0%
100
90
Figure 15. Input Stage Overload Recovery Time
10
0%
100
90
1V
200mV
500ns
Figure 16. Output Stage Overload Recovery Time
500mV
1V
500ns
10
0%
100
90
Figure 17. Transient Response Minimum Gain
10
–15
–40
5
0
–5
–10
–20
–25
–30
–35
FREQUENCY (Hz)
AD600
AD602
1k
10k
100k
1M
10M
100M
AD600: G = 20dB
AD602: G = 10dB
BOTH: VCM = 100mV rms
VS =±5V
RL = 500Ω
TA = 25°C
Figure 18. CMRR vs. Frequency
20
–30
–80
10
0
–10
–20
–40
–50
–60
–70
FREQUENCY (Hz)
AD600: G = 40dB
AD602: G = 30dB
BOTH: RL = 500Ω
VIN =0V
RS =50Ω
100k
1M
10M
100M
AD600
AD602
Figure 19. PSRR vs. Frequency
–30
–80
10
0
–10
–20
–40
–50
–60
–70
–90
FREQUENCY (Hz)
100k
1M
10M
100M
AD600: CH1 G = 40dB, VIN = 0
CH2 G = 20dB, VIN = 100mV
AD602: CH1 G = 30dB, VIN = 0
CH2 G = 0dB, VIN = 316mV
BOTH: VOUT = 1V rms1, RS = 50Ω
RL = 500Ω
CROSSTALK = 20log
CH1 VOUT
CH2 VIN
AD600
AD602
Figure 20. Crosstalk Between A1 and A2 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com