Electronic Components Datasheet Search
  English  ▼

X  

DAW Datasheet(PDF) 1 Page - TOKO, Inc

Part # DAW
Description  Fixed Inductors for Digital Audio Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DAW Datasheet(HTML) 1 Page - TOKO, Inc

  DAW Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fixed Inductors for Digital Audio Amplifier デジタルオーディオアンプ用 固定インダクタ
DAW/DAWL
Inductance Range: 10µH
×2
DIMENSIONS
/外形寸法図
FEATURES
/特長
• Tight space by "2 coils in 1unit" structure
• DAWL's 2 coils are shifted at 90 degrees to suppress
a combinatin factor each other.
• High poewr, Low distotion
• Low DC resistance by thick wire (To keep low its heating-
up)
• DAWL : The magneticshield in a metal case is aviable.
(At an option)
• RoHS compliant
• 2in1構造による省スペース
• DAWLタイプはコイルを90度ずらしコイル間結合を抑えた構
造
• 大電力・低歪率
• 太線使用による低直流抵抗(低発熱)
• DAWLタイプは金属ケースによる磁気シールド可(オプション
で設定)
• RoHS指令対応
16.0
9.0
φ0.8
14.5 Max.
20.0 Max.
(U it
)
(Unit: mm)
SELECTION GUIDE FOR STANDARD COILS
1
3
5
4
L2
Key
L1 S
S
BOTTOM VIEW
Connection (Bottom View) L1
965HN-1001
10
×2
±25
11
5.0
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(m
Ω) Max.
Rated
DC Current(3)
(A) Max.
TYPE DAW
999LNF-105
10
×2
±25
13
5.0
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
最大許容電流(3)
TOKO
Part
Number
Inductance(1)
L (µH)
Tolerance
(%)
DC
Resistance(2)
(m
Ω) Max.
Rated
DC Current(3)
(A) Max.
TYPE DAWL
(1) Inductance is measured with a LCR meter 4284A
∗ or equvalent.
Test frequency at 100kHz
(2) DC resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which causes a 10%
inductance reduction from the initial value, coil temperature to
rise by 40°C, whichever is smaller.
(Reference ambient temperature 20°C)
∗: Agilent Technologies
(1)インダクタンスはLCRメータ4284A∗または同等品により測定する。
測定周波数は100kHzです。
(2)直流抵抗はデジタルマルチメータTR6871(Advantest)または同等品に
より測定する。
(3)最大許容電流は、直流重畳電流を流した時インダクタンスの値が初
期値より10%減少する直流電流値、または直流電流により、コイル
の温度が40℃上昇の何れか小さい値です。
(周囲温度20℃を基準とする)
∗: Agilent Technologies
φ0.8
14.5 Max.
14.5 Max.
12.0
9.0
(Unit : mm)
(Unit: mm)


Similar Part No. - DAW

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DAW15P ITT-DAW15P Datasheet
9Mb / 301P
D Subminiature Connectors
DAW15S ITT-DAW15S Datasheet
9Mb / 301P
D Subminiature Connectors
logo
DISCO Corporation
DAW4110 DISCO-DAW4110 Datasheet
320Kb / 2P
Automatic Waterjet Saw
logo
ITT Industries
DAWE15P ITT-DAWE15P Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DAW

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RDY TOKO-8RDY Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
Fixed Inductors for Digital Audio Amplifier
13RHBP TOKO-13RHBP Datasheet
97Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B TOKO-C3B Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAS30S TOKO-EAS30S Datasheet
78Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com