Electronic Components Datasheet Search
  English  ▼

X  

AD628ARMZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # AD628ARMZ-RL
Description  High Common-Mode Voltage, Programmable Gain Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628ARMZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD628ARMZ-RL Datasheet HTML 3Page - Analog Devices AD628ARMZ-RL Datasheet HTML 4Page - Analog Devices AD628ARMZ-RL Datasheet HTML 5Page - Analog Devices AD628ARMZ-RL Datasheet HTML 6Page - Analog Devices AD628ARMZ-RL Datasheet HTML 7Page - Analog Devices AD628ARMZ-RL Datasheet HTML 8Page - Analog Devices AD628ARMZ-RL Datasheet HTML 9Page - Analog Devices AD628ARMZ-RL Datasheet HTML 10Page - Analog Devices AD628ARMZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD628
Rev. F | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
See Figure 3
Input Voltage (Common Mode)
±120 V1
Differential Input Voltage
±120 V1
Output Short-Circuit Duration
Indefinite
Storage Temperature
−65°C to +125°C
Operating Temperature Range
–40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
1 When using ±12 V supplies or higher (see the In
section).
put Voltage Range
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
20
0
–40
–20
–60
40
60
80
100
AMBIENT TEMPERATURE (°C)
8-LEAD SOIC PACKAGE
8-LEAD MSOP PACKAGE
TJ = 150°C
MSOP θJA (JEDEC; 4-LAYER BOARD) = 132.54°C/W
SOIC θJA (JEDEC; 4-LAYER BOARD) = 154°C/W
Figure 3. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com