Electronic Components Datasheet Search
  English  ▼

X  

AD629 Datasheet(PDF) 12 Page - Analog Devices

Part # AD629
Description  High Common-Mode Voltage, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD629 Datasheet HTML 8Page - Analog Devices AD629 Datasheet HTML 9Page - Analog Devices AD629 Datasheet HTML 10Page - Analog Devices AD629 Datasheet HTML 11Page - Analog Devices AD629 Datasheet HTML 12Page - Analog Devices AD629 Datasheet HTML 13Page - Analog Devices AD629 Datasheet HTML 14Page - Analog Devices AD629 Datasheet HTML 15Page - Analog Devices AD629 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD629
Rev. B | Page 12 of 16
OUTPUT CURRENT AND BUFFERING
The AD629 is designed to drive loads of 2 kΩ to within 2 V of
the rails but can deliver higher output currents at lower output
voltages (see Figure 15). If higher output current is required, the
output of the AD629 should be buffered with a precision op amp,
such as the OP113, as shown in Figure 36. This op amp can swing
to within 1 V of either rail while driving a load as small as 600 Ω.
REF (–)
REF (+)
–VS
–VS
+VS
VOUT
NC
–IN
+IN
0.1µF
0.1µF
0.1µF
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
OP113
Figure 36. Output Buffering Application
A GAIN OF 19 DIFFERENTIAL AMPLIFIER
While low level signals can be connected directly to the –IN and
+IN inputs of the AD629, differential input signals can also be
connected, as shown in Figure 37, to give a precise gain of 19.
However, large common-mode voltages are no longer permissible.
Cold junction compensation can be implemented using a
temperature sensor, such as the AD590.
REF (–)
REF (+)
+VS
+VS
NC
–IN
+IN
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
VOUT
VREF
THERMOCOUPLE
Figure 37. A Gain of 19 Thermocouple Amplifier
ERROR BUDGET ANALYSIS EXAMPLE 1
In the dc application that follows, the 10 A output current from
a device with a high common-mode voltage (such as a power
supply or current-mode amplifier) is sensed across a 1 Ω shunt
resistor (see Figure 38). The common-mode voltage is 200 V,
and the resistor terminals are connected through a long pair of
lead wires located in a high noise environment, for example,
50 Hz/60 Hz, 440 V ac power lines. The calculations in Table 5
assume an induced noise level of 1 V at 60 Hz on the leads, in
addition to a full-scale dc differential voltage of 10 V. The error
budget table quantifies the contribution of each error source.
Note that the dominant error source in this example is due to
the dc common-mode voltage.
REF (–)
OUTPUT
CURRENT
60Hz
POWER LINE
1Ω
SHUNT
REF (+)
–VS
+VS
VOUT
NC
–IN
+IN
0.1µF
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
10 AMPS
200VCMDC
TO GROUND
Figure 38. Error Budget Analysis Example 1: VIN = 10 V Full-Scale,
VCM = 200 V DC, RSHUNT = 1 Ω, 1 V p-p, 60 Hz Power-Line Interference
Table 5. AD629 vs. INA117 Error Budget Analysis Example 1 (VCM = 200 V dc)
Error, ppm of FS
Error Source
AD629
INA117
AD629
INA117
ACCURACY, TA = 25°C
Initial Gain Error
(0.0005 × 10)/10 V × 106
(0.0005 × 10)/10 V × 106
500
500
Offset Voltage
(0.001 V/10 V) × 106
(0.002 V/10 V) × 106
100
200
DC CMR (Over Temperature)
(224 × 10-6 × 200 V)/10 V × 106
(500 × 10-6 × 200 V)/10 V × 106
4480
10,000
Total Accuracy Error
5080
10,700
TEMPERATURE DRIFT (85°C)
Gain
10 ppm/°C × 60°C
10 ppm/°C × 60°C
600
600
Offset Voltage
(20 μV/°C × 60°C) × 106/10 V
(40 μV/°C × 60°C) × 106/10 V
120
240
Total Drift Error
720
840
RESOLUTION
Noise, Typical, 0.01 Hz to 10 Hz, μV p-p
15 μV/10 V × 106
25 μV/10 V × 106
2
3
CMR, 60 Hz
(141 × 10-6 × 1 V)/10 V × 106
(500 × 10-6 × 1 V)/10 V × 106
14
50
Nonlinearity
(10-5 × 10 V)/10 V × 106
(10-5 × 10 V)/10 V × 106
10
10
Total Resolution Error
26
63
Total Error
5826
11,603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com