Electronic Components Datasheet Search
  English  ▼

X  

DS84LC Datasheet(PDF) 2 Page - TOKO, Inc

Part # DS84LC
Description  Fixed Inductors for Surface Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DS84LC Datasheet(HTML) 2 Page - TOKO, Inc

  DS84LC Datasheet HTML 1Page - TOKO, Inc DS84LC Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fixed Inductors for Surface Mounting 面実装
づけ
用 固定インダクタ
TYPE DS86C (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
B992AS-1R3N
1.3
±30
14
8.3
6.1
B992AS-2R0N
2.0
±30
15
6.8
6.0
B992AS-2R7N
2.7
±30
17
5.9
5.5
B992AS-3R3N
3.3
±30
21
5.2
4.8
B992AS-4R3N
4.3
±30
22
4.6
4.8
B992AS-5R6N
5.6
±30
26
4.1
4.3
B992AS-6R8N
6.8
±30
28
3.8
4.1
B992AS-8R2N
8.2
±30
30
3.4
3.9
B992AS-100M
10.0
±20
36
2.9
3.6
B992AS-150M
15.0
±20
41
2.6
3.3
B992AS-220M
22.0
±20
74
2.0
2.5
B992AS-330M
33.0
±20
120
1.6
1.9
B992AS-470M
47.0
±20
150
1.4
1.7
B992AS-680M
68.0
±20
210
1.1
1.4
B992AS-101M
100.0
±20
310
0.98
1.1
B992AS-151M
150.0
±20
400
0.75
0.94
B992AS-221M
220.0
±20
560
0.65
0.80
Inductance
Decrease Current(3)
(A) Max.
=10%
∆L
L
Temperature
Rise Current(3)
∆ T=40°C
(A) Max.
TYPE DS85LC (Quantity/reel; 500 PCS)
東光品番
インダクタンス(1)
許容差
直流抵抗(2)
直流重畳許容電流(3)
温度上昇許容電流(3)
TOKO
Part
Number
Inductance(1)
(µH)
Tolerance
(%)
DC
Resistance(2)
(mΩ) Max.
B1000AS-1R1N
1.1
±30
12
8.0
6.5
B1000AS-1R6N
1.6
±30
15
6.6
5.9
B1000AS-2R2N
2.2
±30
16
5.5
5.6
B1000AS-3R0N
3.0
±30
18
4.8
5.1
B1000AS-3R9N
3.9
±30
21
4.3
4.8
B1000AS-4R7N
4.7
±30
22
3.8
4.6
B1000AS-5R6N
5.6
±30
29
3.5
3.9
B1000AS-6R8N
6.8
±30
38
3.1
3.4
B1000AS-8R2N
8.2
±30
41
2.7
3.2
B1000AS-100M
10.0
±20
51
2.5
2.9
B1000AS-120M
12.0
±20
60
2.3
2.6
B1000AS-150M
15.0
±20
77
2.1
2.2
B1000AS-180M
18.0
±20
100
1.9
1.9
B1000AS-220M
22.0
±20
115
1.7
1.8
B1000AS-270M
27.0
±20
130
1.6
1.7
B1000AS-330M
33.0
±20
145
1.4
1.6
B1000AS-390M
39.0
±20
160
1.3
1.5
B1000AS-470M
47.0
±20
170
1.2
1.4
B1000AS-560M
56.0
±20
195
1.1
1.4
B1000AS-680M
68.0
±20
235
0.96
1.2
B1000AS-820M
82.0
±20
325
0.87
1.0
Inductance
Decrease Current(3)
(A) Max.
=10%
∆L
L
Temperature
Rise Current(3)
∆ T=40°C
(A) Max.
DS85LC : 8.4×8.3mm Max. square, 5.0mm height, Inductance range: 1.1~82µH
DS86C : 8.4×8.3mm Max. square, 6.8mm height, Inductance range: 1.3~220µH
DS85LC / DS86C
SELECTION GUIDE FOR STANDARD COILS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com