Electronic Components Datasheet Search
  English  ▼

X  

ELFC Datasheet(PDF) 1 Page - TOKO, Inc

Part # ELFC
Description  AM Ladder Filters for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

ELFC Datasheet(HTML) 1 Page - TOKO, Inc

  ELFC Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM Ladder Filters for Surface Mounting
面実装
づけ 用 AM ラダーフィルタ
TYPE
ELFC
1.2±0.1
1.0
1.0
(1.0)
4.0
6.0
4.2 Max.
C 0.5
Sealing
Sealing
Sealing
G
IN
OUT
Description
• Ceramic ladder Filters for 455kHz band surface mounting.
• May be used in combination with Ceramic Discriminator to
eliminate need for adjustment.
Features
• Bandwidth characteristics can be set to meet
requirements, l.e..from ±3kHz to ±10kHz.
• Possibility of use in IF stages ladder filters which require
no adjustments.
Applications
• Wireless communications equipment, Transceivers, and
Equipment for Personal computer.
• Wireless data communications equipment (Remote
Engine starter, Handheld companions).
概 要
• 455kHz帯面実装
づけ4素子セラミックラダーフィルタ
• セラミックディスクリミネータとの組み合わせでIF段の無調
整化が可能
特 長
• 帯域幅が用途に応じ自由に選択可能(±3kHz∼±10kHz)
• IF段の無調整化が可能
用 途
• 無線通信機、トランシーバ、PC周辺機器
• 無線応用機器(エンジンスタータ、携帯端末など)
SELECTION GUIDE FOR STANDARD FILTERS
TYPE ELFC
TYPE ELFC
東光品番
6dB帯域幅
減衰帯域幅
保証減衰量
挿入損失
TOKO
6dB Band
40dB Band
Attenuation
Insertion
Input/Output
Part
width
width
Loss
Impedance
Number
(kHz Min.)
(kHz Max.)
(dB Min.)
(dB Max.)
(Ω)
ELFC455D
±10.0
±20.0
27.0
4.0
1500
ELFC455E
± 7.5
±15.0
27.0
4.0
1500
ELFC455F
± 6.0
±12.5
27.0
4.0
1500
ELFC455G
± 4.5
±10.0
27.0
4.0
1500
ELFC455H
± 3.0
± 9.0
27.0
4.0
1500
入出力
インピーダンス
Test circuit 測定回路
R1
R2
Rg
S.G
E1
E2
E.V
(1)
(2)
(3)
Test conditions
1. Rg+R1=R2=1.5kΩ
2. Insertion loss (dB)=20*Log(E1/2*E2)
But E1: S.G open end output.
測定条件
1.Rg+R1=R2=1.5kΩ
2.挿入損失 (dB)=20*Log(E1/2*E2)
但し、E1:S.G開放端出力とする。
(Unit : mm)
Standard pattern dimensions
標準パターン寸法図
(Unit : mm)
Standard reflow soldering conditions
標準リフロソルダ条件
Slow cooling
300
250
200
150
100
50
40sec
5se
1~2min
2min or more
Pre-heating
Solderin
1.3
1.5
4.0


Similar Part No. - ELFC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
Line Filters
logo
International Rectifier
ELF-15N007A IRF-ELF-15N007A Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
ELF-15N007A IRF-ELF-15N007A Datasheet
355Kb / 16P
High Power Factor/Low THD
ELF-15N007A IRF-ELF-15N007A Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
logo
Panasonic Semiconductor
ELF-15N010A PANASONIC-ELF-15N010A Datasheet
88Kb / 2P
Line Filters
More results

Similar Description - ELFC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
ALFY455H TOKO-ALFY455H Datasheet
117Kb / 1P
AM CERAMIC FILTERS
4DFA TOKO-4DFA Datasheet
165Kb / 3P
Dielectric Filters for Surface Mounting
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
Helical Filters for Surface Mounting
CFA TOKO-CFA Datasheet
95Kb / 1P
AM CERAMIC FILTERS
CFMM2 TOKO-CFMM2 Datasheet
118Kb / 1P
AM CERAMIC FILTERS
CFMR TOKO-CFMR Datasheet
95Kb / 1P
AM CERAMIC FILTERS
LFY TOKO-LFY Datasheet
194Kb / 2P
AM CERAMIC FILTERS
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
AM Ceramic Discriminators for Surface Mounting
logo
Token Electronics Indus...
LTP455A TOKEN-LTP455A Datasheet
322Kb / 3P
LTP Ceramic Filters for AM
LTZ455HL TOKEN-LTZ455HL Datasheet
300Kb / 3P
LTZ Ceramic Filters for AM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com