Electronic Components Datasheet Search
  English  ▼

X  

HM76 Datasheet(PDF) 1 Page - Bi technologies

Part # HM76
Description  Drum Core, Space Efficient High Performance Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM76 Datasheet(HTML) 1 Page - Bi technologies

  HM76 Datasheet HTML 1Page - Bi technologies HM76 Datasheet HTML 2Page - Bi technologies HM76 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
56
Specifications (Case Size 10 and 20)
DC Resistance
Rated
Part
Inductance
@ 25°C (3)
Current (2,4)
Number
µH ± 20% (1)
Ω Max
Amps
Schematic
Figure
Schematics
Schematic A
Schematic B
Specifications (Case Size 30 and 40)
DC Resistance
Rated
Part
Inductance
@ 25°C (3)
Current (2,4)
Number
µH ± 20% (1)
Ω Max
Amps
Schematic
Figure
HM76-301R0JLF
1.0
0.01
8.50
A
1
HM76-301R5JLF
1.5
0.01
7.90
A
1
HM76-302R2JLF
2.2
0.02
7.40
A
1
HM76-303R3JLF
3.3
0.02
6.60
A
1
HM76-304R7JLF
4.7
0.02
6.00
A
1
HM76-306R8JLF
6.8
0.03
5.20
A
1
HM76-308R2JLF
8.2
0.03
5.00
A
1
1
2
1
2
3
4
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C

Electrical / Environmental
Drum Core, Space Efficient High Performance
Surface Mount Inductors
RoHS
Compliant
HM76-101R0JLF
1.0
0.03
2.90
A
1
HM76-101R5JLF
1.5
0.05
2.80
A
1
HM76-102R2JLF
2.2
0.06
2.40
A
1
HM76-103R3JLF
3.3
0.09
2.00
A
1
HM76-104R7JLF
4.7
0.09
1.50
A
1
HM76-106R8JLF
6.8
0.17
1.30
A
1
HM76-10100JLF
10
0.16
1.10
A
1
HM76-10150JLF
15
0.30
0.80
A
1

22
0.43
0.70
A
1
HM76-10330JLF
33
0.69
0.57
A
1
HM76-10470JLF
47
0.92
0.46
A
1
HM76-10680JLF
68
1.39
0.37
A
1
HM76-10101JLF
100
1.98
0.28
A
1
HM76-10151JLF
150
3.08
0.22
A
1
HM76-10221JLF
220
4.47
0.18
A
1
HM76-10331JLF
330
6.90
0.15
A
1
HM76-10471JLF
470
11.55
0.12
A
1
HM76-20100JLF
10
0.07
2.00
A
2
HM76-20150JLF
15
0.09
1.50
A
2
HM76-20220JLF
22
0.15
1.30
A
2
HM76-20330JLF
33
0.21
1.10
A
2
HM76-20470JLF
47
0.31
0.80
A
2
HM76-20680JLF
68
0.42
0.70
A
2
HM76-20101JLF
100
0.58
0.60
A
2
HM76-20151JLF
150
0.89
0.50
A
2
HM76-20221JLF
220
1.30
0.40
A
2
HM76-20331JLF
330
2.00
0.30
A
2
HM76-20471JLF
470
2.50
0.20
A
2
HM76-20681JLF
680
3.50
0.10
A
2
HM76-20102JLF
1,000
6.00
0.05
A
2


Similar Part No. - HM76

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM76 TTELEC-HM76 Datasheet
970Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
Bi technologies
HM76-10100JLF BITECH-HM76-10100JLF Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76-10100JLF TTELEC-HM76-10100JLF Datasheet
970Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
Bi technologies
HM76-10101JLF BITECH-HM76-10101JLF Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76-10101JLF TTELEC-HM76-10101JLF Datasheet
970Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
More results

Similar Description - HM76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSS4832 ETC-DSS4832 Datasheet
126Kb / 1P
Surface Mount Drum Core Power Inductors
logo
Filtran LTD
8400-XXX FILTRAN-8400-XXX Datasheet
70Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
Inductors Surface Mount Drum Core Power Inductors
logo
Rhombus Industries Inc.
L-19553 RHOMBUS-IND-L-19553 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
02-26-02
L-19530 RHOMBUS-IND-L-19530 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
L-19513 RHOMBUS-IND-L-19513 Datasheet
16Kb / 1P
SURFACE MOUNT DRUM CORE INDUCTOR
logo
Bi technologies
HM76 BITECH-HM76_15 Datasheet
953Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
logo
TT Electronics.
HM76 TTELEC-HM76 Datasheet
970Kb / 3P
Drum Core, Space Efficient High Performance Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com