Electronic Components Datasheet Search
  English  ▼

X  

AD1870AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD1870AR
Description  Single-Supply 16-Bit Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1870AR Datasheet(HTML) 1 Page - Analog Devices

  AD1870AR Datasheet HTML 1Page - Analog Devices AD1870AR Datasheet HTML 2Page - Analog Devices AD1870AR Datasheet HTML 3Page - Analog Devices AD1870AR Datasheet HTML 4Page - Analog Devices AD1870AR Datasheet HTML 5Page - Analog Devices AD1870AR Datasheet HTML 6Page - Analog Devices AD1870AR Datasheet HTML 7Page - Analog Devices AD1870AR Datasheet HTML 8Page - Analog Devices AD1870AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
L
RCK
WCLK
BCLK
DGND1
DVDD1
RDEDGE
S/
M
384/
256
AVDD
VINL
CAPL1
CAPL2
AGNDL
VREFL
CLKIN
TAG
SOUT
DVDD2
RESET
MSBDLY
R
LJUST
AGND
VINR
CAPR1
CAPR2
AGNDR
VREFR
SERIAL OUTPUT
INTERFACE
THREE-STAGE FIR
DECIMATION
FILTER
DGND2
THREE-STAGE FIR
DECIMATION
FILTER
CLOCK
DIVIDER
VOLTAGE
REFERENCE
DAC
SINGLE-TO-
DIFFERENTIAL INPUT
CONVERTER
SINGLE-TO-
DIFFERENTIAL INPUT
CONVERTER
AD1870
DAC
DAC
DAC
REV. A
a
Single-Supply
16-Bit - Stereo ADC
FEATURES
Single 5 V Power Supply
Single-Ended Dual-Channel Analog Inputs
92 dB (Typ) Dynamic Range
90 dB (Typ) S/(THD + N)
0.006 dB Decimator Pass-Band Ripple
Fourth Order, 64
Oversampling
-
Modulator
Three-Stage, Linear-Phase Decimator
256
fS or 384
fS Input Clock
Less than 100
W (Typ) Power-Down Mode
Input Overrange Indication
On-Chip Voltage Reference
Flexible Serial Output Interface
28-Lead SOIC Package
APPLICATIONS
Consumer Digital Audio Receivers
Digital Audio Recorders, Including Portables
CD-R, DCC, MD, and DAT
Multimedia and Consumer Electronics Equipment
Sampling Music Synthesizers
AD1870*
shapes the one-bit comparator’s quantization noise out of the
audio pass band. The high order of the modulator randomizes the
modulator output, reducing idle tones in the AD1870 to very
low levels. Because its modulator is single bit, the AD1870 is
inherently monotonic and has no mechanism for producing
differential linearity errors.
The input section of the AD1870 uses autocalibration to correct
any dc offset voltage present in the circuit, provided that the inputs
are ac-coupled. The single-ended dc input voltage can swing
between 0.7 V and 3.8 V typically. The AD1870 antialias input
circuit requires four external 470 pF NPO ceramic chip filter
capacitors, two for each channel. No active electronics are needed.
Decoupling capacitors for the supply and reference pins are
also required.
The dual-digital decimation filters are triple-stage, finite impulse
response filters for effectively removing the modulator’s high
frequency quantization noise and reducing the 64
× fS single-bit
output data rate to an fS word rate. They provide linear phase
and a narrow transition band that properly digitizes 20 kHz signals
at a 44.1 kHz sampling frequency. Pass-band ripple is less than
0.006 dB, and stop-band attenuation exceeds 90 dB.
(Continued on Page 7)
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
PRODUCT OVERVIEW
The AD1870 is a stereo, 16-bit oversampling ADC based on
sigma-delta ( - ) technology intended primarily for digital
audio bandwidth applications requiring a single 5 V power supply.
Each single-ended channel consists of a fourth order one-bit
noise shaping modulator and a digital decimation filter. An on-chip
voltage reference, stable over temperature and time, defines the
full-scale range for both channels. Digital output data from both
channels are time multiplexed to a single, flexible serial inter-
face. The AD1870 accepts a 256
× fS or a 384 × fS input clock
(fS is the sampling frequency) and operates in both serial port
Master and Slave Modes. In Slave Mode, all clocks must be ex-
ternally derived from a common source.
Input signals are sampled at 64
× fS onto internally buffered
switched capacitors, eliminating external sample-and-hold ampli-
fiers and minimizing the requirements for antialias filtering at the
input. With simplified antialiasing, linear phase can be preserved
across the pass band. The on-chip single-ended-to-differential sig-
nal converters save the board designer from having to provide
them externally. The AD1870’s internal differential architecture
provides increased dynamic range and excellent power supply
rejection characteristics. The AD1870’s proprietary fourth order
differential switched-capacitor
-
modulator architecture
*Protected by U.S. Patent Numbers 5055843, 5126653; others pending.


Similar Part No. - AD1870AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
More results

Similar Description - AD1870AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1877 AD-AD1877 Datasheet
253Kb / 18P
Single-Supply 16-Bit Stereo ADC
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
PLL & MIC-AMP 16-Bit Stereo ADC
logo
Linear Technology
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com