Electronic Components Datasheet Search
  English  ▼

X  

AD1990 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1990
Description  Audio Switching Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1990_06 Datasheet HTML 6Page - Analog Devices AD1990_06 Datasheet HTML 7Page - Analog Devices AD1990_06 Datasheet HTML 8Page - Analog Devices AD1990_06 Datasheet HTML 9Page - Analog Devices AD1990_06 Datasheet HTML 10Page - Analog Devices AD1990_06 Datasheet HTML 11Page - Analog Devices AD1990_06 Datasheet HTML 12Page - Analog Devices AD1990_06 Datasheet HTML 13Page - Analog Devices AD1990_06 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1990
Rev. 0 | Page 10 of 16
100
0.001
OUTPUT POWER (W)
0.1
1
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
1
0.1
0.01
THD + N
THD
Figure 16. THD and THD + N vs. Output Power, 1 kHz Sine, 4 Ω Load, PVDD = 12 V
100
0.001
OUTPUT POWER (W)
0.1
1
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
1
0.1
0.01
THD + N
THD
Figure 17. THD and THD + N vs. Output Power, 1 kHz Sine, 6 Ω Load, PVDD = 12 V
100
0.001
OUTPUT POWER (W)
0.1
1
10
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
1
0.1
0.01
THD + N
THD
Figure 18. THD and THD + N vs. Output Power, 1 kHz Sine, 8 Ω Load, PVDD = 12 V
10
0
PVDD VOLTAGE (V)
8.0
12.0
9
8
7
6
5
4
3
2
1
8.5
9.0
9.5
10.0
10.5
11.0
11.5
THD = 10%
THD = 1%
Figure 19. Maximum Output Power vs. PVDD, 4 Ω Load
10
0
PVDD VOLTAGE (V)
8.0
12.0
9
8
7
6
5
4
3
2
1
8.5
9.0
9.5
10.0
10.5
11.0
11.5
THD = 10%
THD = 1%
Figure 20. Maximum Output Power vs. PVDD, 6 Ω Load
10
0
PVDD VOLTAGE (V)
8.0
12.0
9
8
7
6
5
4
3
2
1
8.5
9.0
9.5
10.0
10.5
11.0
11.5
THD = 10%
THD = 1%
Figure 21. Maximum Output Power vs. PVDD, 8 Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com