Electronic Components Datasheet Search
  English  ▼

X  

AD829JR Datasheet(PDF) 7 Page - Analog Devices

Part # AD829JR
Description  High Speed, Low Noise Video Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD829JR Datasheet HTML 3Page - Analog Devices AD829JR Datasheet HTML 4Page - Analog Devices AD829JR Datasheet HTML 5Page - Analog Devices AD829JR Datasheet HTML 6Page - Analog Devices AD829JR Datasheet HTML 7Page - Analog Devices AD829JR Datasheet HTML 8Page - Analog Devices AD829JR Datasheet HTML 9Page - Analog Devices AD829JR Datasheet HTML 10Page - Analog Devices AD829JR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. G
AD829
–7–
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
100
80
40
–20
0
FREQUENCY (Hz)
20
GAIN
15V
SUPPLIES
1k
LOAD
GAIN
5V
SUPPLIES
500
LOAD
PHASE
CCOMP = 0pF
60
TPC 10. Open-Loop Gain and
Phase Margin vs. Frequency
120
100
80
60
40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
20
CCOMP = 0pF
TPC 13. Common-Mode
Rejection Ratio vs. Frequency
100
300
1k
3k
10k
30k
100k
–110
FREQUENCY (Hz)
–105
–100
–95
–90
–85
–80
–75
–70
RL = 500
RL = 2k
VIN = 3V RMS
AV = –1
CCOMP = 30pF
CLOAD = 100pF
TPC 16. Total Harmonic
Distortion (THD) vs. Frequency
105
100
95
90
85
80
75
10
100
1k
10k
LOAD RESISTANCE ( )
VS = 5V
VS = 15V
TPC 11. Open-Loop Gain vs.
Resistive Load
30
25
20
15
10
5
0
10
100
INPUT FREQUENCY (MHz)
1
VS = ±15V
RL = 1k
AV = +20
CCOMP = 0pF
VS = ±5V
RL = 500
AV = +20
CCOMP = 0pF
TPC 14. Large Signal Frequency
Response
SECOND HARMONIC
–20
–30
–40
–50
–60
–70
VIN = 2.24V RMS
AV = –1
RL = 250
CLOAD = 0
CCOMP = 30pF
0
500k
1.0M
1.5M
2.0M
FREQUENCY (Hz)
THIRD HARMONIC
TPC 17. Second and Third
Harmonic Distortion vs.
Frequency
120
100
80
60
40
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
20
SUPPLY
+
SUPPLY
–
CCOMP = 0pF
TPC 12. Power Supply Rejection
Ratio (PSRR) vs. Frequency
10
8
6
4
2
0
020
40
60
80
100 120
160
1%
1%
140
2
–
4
–
6
–
8
–
0.1%
ERROR
AV = –19
CCOMP = 0pF
–10
SETTLING TIME (ns)
0.1%
TPC 15. Output Swing and Error vs.
Settling Time
5
4
3
2
1
0
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
10M
TPC 18. Input Voltage Noise
Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com