Electronic Components Datasheet Search
  English  ▼

X  

AD8038 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8038
Description  Low Power 350 MHz Voltage Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8038 Datasheet(HTML) 1 Page - Analog Devices

  AD8038 Datasheet HTML 1Page - Analog Devices AD8038 Datasheet HTML 2Page - Analog Devices AD8038 Datasheet HTML 3Page - Analog Devices AD8038 Datasheet HTML 4Page - Analog Devices AD8038 Datasheet HTML 5Page - Analog Devices AD8038 Datasheet HTML 6Page - Analog Devices AD8038 Datasheet HTML 7Page - Analog Devices AD8038 Datasheet HTML 8Page - Analog Devices AD8038 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. F
AD8038/AD8039
Low Power 350 MHz
Voltage Feedback Amplifiers
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low Power
1 mA Supply Current/Amp
High Speed
350 MHz, –3 dB Bandwidth (G = +1)
425 V/ s Slew Rate
Low Cost
Low Noise
8 nV/
√Hz @ 100 kHz
600 fA/
√Hz @ 100 kHz
Low Input Bias Current: 750 nA Max
Low Distortion
–90 dB SFDR @ 1 MHz
–65 dB SFDR @ 5 MHz
Wide Supply Range: 3 V to 12 V
Small Packaging: SOT-23-8, SC70-5, and SOIC-8
APPLICATIONS
Battery-Powered Instrumentation
Filters
A/D Drivers
Level Shifting
Buffering
High Density PC Boards
Photo Multipliers
SOIC-8 (R) and SOT-23-8 (RT)
AD8039
8
7
6
5
1
2
3
4
VOUT1
–IN1
+IN1
–VS
+VS
VOUT2
–IN2
+IN2
PRODUCT DESCRIPTION
The AD8038 (single) and AD8039 (dual) amplifiers are high
speed (350 MHz) voltage feedback amplifiers with an exception-
ally low quiescent current of 1.0 mA/amplifier typical (1.5 mA max).
The AD8038 single amplifier in the SOIC-8 package has a dis-
able feature. Despite being low power and low cost, the amplifier
provides excellent overall performance. Additionally, it offers
ahigh slew rate of 425 V/
µs and low input offset voltage of
3mVmax.
ADI’s proprietary XFCB process allows low noise operation
(8 nV/
√Hz and 600 fA/√Hz) at extremely low quiescent currents.
Given a wide supply voltage range (3 V to 12 V), wide band-
width, and small packaging, the AD8038 and AD8039 amplifiers
are designed to work in a variety of applications where power and
space are at a premium.
The AD8038 and AD8039 amplifiers have a wide input common-
mode range of 1 V from either rail and will swing within 1 V of
each rail on the output. These amplifiers are optimized for driving
capacitive loads up to 15 pF. If driving larger capacitive loads,
a small series resistor is needed to avoid excessive peaking or
overshoot.
The AD8039 amplifier is the only dual, low power, high speed
amplifier available in a tiny SOT-23-8 package, and the single
AD8038 is available in both a SOIC-8 and an SC70-5 package.
These amps are rated to work over the industrial temperature
range of –40
°C to +85°C.
–6
0.1
1000
110
100
–3
0
3
6
9
12
15
18
21
24
FREQUENCY – MHz
G = +5
G = +2
G = +1
G = +10
Figure 1. Small Signal Frequency Response for
Various Gains, VOUT = 500 mV p-p, VS =
±5 V
SOIC-8 (R)
8
7
6
5
1
2
3
4
NC
–IN
+IN
DISABLE
+VS
VOUT
NC
–VS
AD8038
NC = NO CONNECT
SC70-5 (KS)
1
2
3
5
4
–IN
+IN
+VS
VOUT
AD8038
+–
–VS
CONNECTION DIAGRAMS


Similar Part No. - AD8038

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8038 AD-AD8038 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD8038 AD-AD8038 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8038 AD-AD8038 Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD8038 AD-AD8038 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

Similar Description - AD8038

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com