Electronic Components Datasheet Search
  English  ▼

X  

AD8055 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8055
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055 Datasheet(HTML) 1 Page - Analog Devices

  AD8055 Datasheet HTML 1Page - Analog Devices AD8055 Datasheet HTML 2Page - Analog Devices AD8055 Datasheet HTML 3Page - Analog Devices AD8055 Datasheet HTML 4Page - Analog Devices AD8055 Datasheet HTML 5Page - Analog Devices AD8055 Datasheet HTML 6Page - Analog Devices AD8055 Datasheet HTML 7Page - Analog Devices AD8055 Datasheet HTML 8Page - Analog Devices AD8055 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost, 300 MHz
Voltage Feedback Amplifiers
AD8055/AD8056
Rev. J
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
CONNECTION DIAGRAMS
NC
1
–IN
2
+IN
3
–VS
4
NC
8
+VS
7
VOUT
6
NC
5
NC = NO CONNECT
AD8055
Low cost single (AD8055) and dual (AD8056)
VOUT 1
+IN
3
–VS 2
+VS
5
–IN
4
AD8055
Easy-to-use voltage feedback architecture
High speed
300 MHz, −3 dB bandwidth (G = +1)
1400 V/μs slew rate
20 ns settling to 0.1%
Low distortion: −72 dBc @ 10 MHz
Figure 1. N-8 and R-8
Figure 2. RJ-5
Low noise: 6 nV/√Hz
OUT1
1
–IN1
2
+IN1
3
–VS
4
+VS
8
OUT
7
–IN2
6
+IN2
5
AD8056
, 1.2 μA max I
Low dc errors: 5 mV max VOS
B
Small packaging
AD8055 available in 5-lead SOT-23
AD8056 available in 8-lead MSOP
Excellent video specifications (RL = 150 Ω, G = +2)
Figure 3. N-8, R-8, and RM-8
Gain flatness 0.1 dB to 40 MHz
0.01% differential gain error
Their 0.1 dB flatness out to 40 MHz, wide bandwidth out to
300 MHz, along with 1400 V/μs slew rate and 20 ns settling
time, make them useful for a variety of high speed applications.
0.02° differential phase error
Drives 4 video loads (37.5 V) with 0.02% differential
Gain and 0.1° differential phase
The AD8055 and AD8056 require only 5 mA typ/amplifier of
supply current and operate on a dual ±5 V or a single +12 V
power supply, while capable of delivering over 60 mA of load
current. The AD8055 is available in a small 8-lead PDIP, an 8-lead
SOIC, and a 5-lead SOT-23, while the AD8056 is available in an
8-lead MSOP. These features make the AD8055/AD8056 ideal
for portable and battery-powered applications where size and
power are critical. These amplifiers in the R-8, N-8, and RM-8
packages are available in the extended temperature range of
−40°C to +125°C.
Low power, ±5 V supplies 5 mA typ/amplifier power
supply current
High output drive current: over 60 mA
APPLICATIONS
Imaging
Photodiode preamps
Video line drivers
Differential line drivers
Professional cameras
FREQUENCY (Hz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
VIN
RC
50Ω
RG
RF
RL
VOUT
VOUT = 100mV p-p
RL = 100Ω
G= +2
RF =402Ω
G= +1
RF =0Ω
RC =100Ω
G= +10
RF =909Ω
G= +5
RF = 1000Ω
1G
100M
10M
1M
0.3M
Video switchers
Special effects
A-to-D drivers
Active filters
GENERAL DESCRIPTION
The AD8055 (single) and AD8056 (dual) voltage feedback
amplifiers offer bandwidth and slew rate typically found in
current feedback amplifiers. Additionally, these amplifiers are
easy to use and available at a very low cost.
Despite their low cost, the AD8055 and AD8056 provide
excellent overall performance. For video applications, their
differential gain and phase error are 0.01% and 0.02° into a
150 Ω load and 0.02% and 0.1° while driving four video loads
(37.50 Ω).
Figure 4. Frequency Response


Similar Part No. - AD8055

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8055AN AD-AD8055AN Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8055AN AD-AD8055AN Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ANZ AD-AD8055ANZ Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055AR AD-AD8055AR Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
More results

Similar Description - AD8055

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8057 AD-AD8057 Datasheet
184Kb / 14P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV.A
AD8061 AD-AD8061 Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com