Electronic Components Datasheet Search
  English  ▼

X  

AD8062 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8062
Description  Low Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8062 Datasheet HTML 12Page - Analog Devices AD8062 Datasheet HTML 13Page - Analog Devices AD8062 Datasheet HTML 14Page - Analog Devices AD8062 Datasheet HTML 15Page - Analog Devices AD8062 Datasheet HTML 16Page - Analog Devices AD8062 Datasheet HTML 17Page - Analog Devices AD8062 Datasheet HTML 18Page - Analog Devices AD8062 Datasheet HTML 19Page - Analog Devices AD8062 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8061/AD8062/AD8063
Rev. D | Page 20 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8061AR
−40°C to +85°C
8-Lead SOIC
R-8
AD8061AR-REEL
−40°C to +85°C
8-Lead SOIC, 13-Inch Tape and Reel
R-8
AD8061AR-REEL7
−40°C to +85°C
8-Lead SOIC, 7-Inch Tape and Reel
R-8
AD8061ARZ1
−40°C to +85°C
8-Lead SOIC
R-8
AD8061ARZ-REEL1
−40°C to +85°C
8-Lead SOIC, 13-Inch Tape and Reel
R-8
AD8061ARZ-REEL71
−40°C to +85°C
8-Lead SOIC, 7-Inch Tape and Reel
R-8
AD8061ART-R2
−40°C to +85°C
5-Lead SOT-23, 250 piece Tape and Reel
RT-5
HGA
AD8061ART-REEL
−40°C to +85°C
5-Lead SOT-23, 13-Inch Tape and Reel
RT-5
HGA
AD8061ART-REEL7
−40°C to +85°C
5-Lead SOT-23, 7-Inch Tape and Reel
RT-5
HGA
AD8061ARTZ-R21
−40°C to +85°C
5-Lead SOT-23, 250 piece Tape and Reel
RT-5
H0D2
AD8061ARTZ-REEL1
−40°C to +85°C
5-Lead SOT-23, 13-Inch Tape and Reel
RT-5
H0D2
AD8061ARTZ-REEL71
−40°C to +85°C
5-Lead SOT-23, 7-Inch Tape and Reel
RT-5
H0D2
AD8062AR
−40°C to +85°C
8-Lead SOIC
R-8
AD8062AR-REEL
−40°C to +85°C
8-Lead SOIC, 13-Inch Tape and Reel
R-8
AD8062AR-REEL7
−40°C to +85°C
8-Lead SOIC, 7-Inch Tape and Reel
R-8
AD8062ARZ1
−40°C to +85°C
8-Lead SOIC
R-8
AD8062ARZ-RL1
−40°C to +85°C
8-Lead SOIC, 13-Inch Tape and Reel
R-8
AD8062ARZ-R71
−40°C to +85°C
8-Lead SOIC, 7-Inch Tape and Reel
R-8
AD8062ARM
−40°C to +85°C
8-Lead MSOP
RM-8
HCA
AD8062ARM-REEL
−40°C to +85°C
8-Lead MSOP, 13-Inch Tape and Reel
RM-8
HCA
AD8062ARM-REEL7
–40°C to +85°C
8-Lead MSOP, 7-Inch Tape and Reel
RM-8
HCA
AD8062ARMZ3
−40°C to +85°C
8-Lead MSOP
RM-8
#HCA
AD8062ARMZ-RL3
−40°C to +85°C
8-Lead MSOP, 13-Inch Tape and Reel
RM-8
#HCA
AD8062ARMZ-R73
–40°C to +85°C
8-Lead MSOP, 7-Inch Tape and Reel
RM-8
#HCA
AD8063AR
–40°C to +85°C
8-Lead SOIC
R-8
AD8063AR-REEL
–40°C to +85°C
8-Lead SOIC, 13-Inch Tape and Reel
R-8
AD8063AR-REEL7
–40°C to +85°C
8-Lead SOIC, 7-Inch Tape and Reel
R-8
AD8063ARZ1
40°C to +85°C
8-Lead SOIC
R-8
AD8063ARZ-REEL1
40°C to +85°C
8-Lead SOIC, 13-Inch Tape and Reel
R-8
AD8063ARZ-REEL71
40°C to +85°C
8-Lead SOIC, 7-Inch Tape and Reel
R-8
AD8063ART-R2
–40°C to +85°C
6-Lead SOT-23, 250 Piece Tape and Reel
RT-6
HHA
AD8063ART-REEL
–40°C to +85°C
6-Lead SOT-23, 13-Inch Tape and Reel
RT-6
HHA
AD8063ART-REEL7
–40°C to +85°C
6-Lead SOT-23, 7-Inch Tape and Reel
RT-6
HHA
AD8063ARTZ-R21
–40°C to +85°C
6-Lead SOT-23, 250 Piece Tape and Reel
RT-6
H0E4
AD8063ARTZ-REEL1
–40°C to +85°C
6-Lead SOT-23, 13-Inch Tape and Reel
RT-6
H0E4
AD8063ARTZ-REEL71
–40°C to +85°C
6-Lead SOT-23, 7-Inch Tape and Reel
RT-6
H0E4
1 Z = Pb-free part.
2 New branding after data code 0542, previously branded HGA.
3 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.
4 New branding after data code 0542, previously branded HHA.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01065-0-12/05(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com