Electronic Components Datasheet Search
  English  ▼

X  

AD8137YR Datasheet(PDF) 16 Page - Analog Devices

Part # AD8137YR
Description  Low Cost, Low Power 12-Bit Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137YR Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8137YR Datasheet HTML 12Page - Analog Devices AD8137YR Datasheet HTML 13Page - Analog Devices AD8137YR Datasheet HTML 14Page - Analog Devices AD8137YR Datasheet HTML 15Page - Analog Devices AD8137YR Datasheet HTML 16Page - Analog Devices AD8137YR Datasheet HTML 17Page - Analog Devices AD8137YR Datasheet HTML 18Page - Analog Devices AD8137YR Datasheet HTML 19Page - Analog Devices AD8137YR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8137
Rev. B | Page 16 of 24
VOCM
5
4
2
3
0
1
–1
–4
–3
–2
–5
–5
–4
–3
–2
–1
4
3
2
1
05
VS = +3V
VS = +5V
VS = ±5V
Figure 55. VO, cm vs. VOCM Input Voltage
PD VOLTAGE (V)

40
20
0
–20
–40
–60
–80
–100
–120
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 56. PD Current vs. PD Voltage
PD VOLTAGE (V)
3
2
1
0
–1
–2
–3
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IS+
IS–
Figure 57. Supply Current vs. PD Voltage
PD
–2.0V
–0.5V
VO, dm
2
µs/DIV
VS = ±2.5V
G = 1 (RF = RG = 1kΩ)
RL, dm = 1kΩ
INPUT = 1Vp-p @ 1MHz
TIME (
µs)
1.5
1.0
0.5
–0.5
0
–1.0
–1.5
Figure 58. Power-Down Transient Response
TIME (ns)
3.6
3.2
2.8
2.0
2.4
0.8
1.2
1.6
0.4
0
100ns/DIV
PD (0.8V TO 1.5V)
Figure 59. Power-Down Turn-On Time
TIME (ns)
3.4
3.0
2.6
2.2
1.8
1.4
1.0
0.6
0.2
40ns/DIV
PD (1.5V TO 0.8V)
Figure 60. Power-Down Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com