Electronic Components Datasheet Search
  English  ▼

X  

AD8202 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8202
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8202 Datasheet HTML 9Page - Analog Devices AD8202 Datasheet HTML 10Page - Analog Devices AD8202 Datasheet HTML 11Page - Analog Devices AD8202 Datasheet HTML 12Page - Analog Devices AD8202 Datasheet HTML 13Page - Analog Devices AD8202 Datasheet HTML 14Page - Analog Devices AD8202 Datasheet HTML 15Page - Analog Devices AD8202 Datasheet HTML 16Page - Analog Devices AD8202 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8202
Rev. D | Page 13 of 20
–140
0
0
2.5
DIFFERENTIAL-MODE VOLTAGE (V)
–120
–100
–80
–60
–40
–20
0.5
1.0
1.5
2.0
VSUPPLY = 5V
TEMPERATURE RANGE =
+125
°C TO –40°C
Figure 41. A2 Input Bias Current vs. Input Voltage and Temperature. The
Shaded Area is the Bias Current from +125°C to −40°C.
An increase in the A2 bias current, in addition to the output
saturation voltage of A1, directly affects the output voltage of
the AD8202 system (Pin 3 and Pin 4 shorted). An example of
how to calculate the correct output voltage swing of the
AD8202, by taking all variables into account, follows:
•
Amplifier A1 output saturation potential can drop as low
as 20 mV at its output.
•
A2 typical input bias current of 40 nA multiplied by the
100 kΩ preamplifier output resistor produces
40 nA × 100 kΩ = 4 mV at the A2 input
•
Total voltage at the A2 input equals the output saturation
voltage of A1 combined with the voltage error generated
by the input bias current
20 mV + 4 mV = 24 mV
•
The total error at the input of A2, 24 mV, multiplied by the
buffer gain generates a resulting error of 48 mV at the
output of the buffer. This is AD8202 system output low
saturation potential.
•
The high output voltage range of the AD8202 is specified
as 4.8 V. Therefore, assuming a typical A2 input bias
current, the output voltage range for the AD8202 is 48 mV
to 4.8 V.
For an example of the effect of changes in A2 input bias current
vs. applied input potentials, see Figure 41. The change in bias
current causes a change in error voltage at the input of the
buffer amplifier. This results in a change in overall error
potential at the output of the buffer amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com