Electronic Components Datasheet Search
  English  ▼

X  

AD8200 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8200
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8200 Datasheet(HTML) 2 Page - Analog Devices

  AD8200 Datasheet HTML 1Page - Analog Devices AD8200 Datasheet HTML 2Page - Analog Devices AD8200 Datasheet HTML 3Page - Analog Devices AD8200 Datasheet HTML 4Page - Analog Devices AD8200 Datasheet HTML 5Page - Analog Devices AD8200 Datasheet HTML 6Page - Analog Devices AD8200 Datasheet HTML 7Page - Analog Devices AD8200 Datasheet HTML 8Page - Analog Devices AD8200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD8200–SPECIFICATIONS
SINGLE SUPPLY
AD8200 SOIC
AD8200 DIE
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Unit
SYSTEM GAIN
Initial
20
20
V/V
Error
VO
≥ 0.1 V dc
–1
+1
–1
+1
%
vs. Temperature
10
20
25
30
ppm/
°C
VOLTAGE OFFSET
Input Offset (RTI)
VCM = 0.15 V; 25
°C–1
+1
–1
+1
mV
VCM = 0.15 V; 125
°C (SOIC)
+150
°C (DIE)
–2.5
+2.5
–3.5
+3.5
mV
VCM = 0.15 V; –40
°C–2
+2
–3
+3
mV
INPUT
Input Impedance
Differential
320
400
480
320
400
480
k
Ω
Common-Mode
160
200
240
160
200
240
k
Ω
CMV
Continuous
–2
+24
–2
+24
V
Common-Mode Rejection
1
VCM = 10 V
f = 1 kHz
80
80
dB
f = 10 kHz
2
80
80
dB
PREAMPLIFIER
Gain
10
10
V/V
Gain Error
–1
+1
–1
+1
%
Output Voltage Range
0.02
4.8
0.02
4.8
V
Output Resistance
97
100
103
97
100
103
k
Ω
OUTPUT BUFFER
Gain
2
2
V/V
Gain Error
–1
+1
–1
+1
%
Output Voltage Range
0.02
4.8
0.02
4.8
V
Output Resistance
2
2
Ω
DYNAMIC RESPONSE
3 dB Bandwidth
30
50
30
50
kHz
Slew Rate
0.22
0.22
V/
µs
NOISE
0.1 Hz to 10 Hz
10
10
µV p-p
Spectral Density, 1 kHz, RTI
300
300
nV/
√Hz
POWER SUPPLY
Operating Range
4.7
12
4.7
12
V
Quiescent Current vs.
VO = 0.1 V dc
0.25
1
0.25
1
mA
Temperature
PSRR
VS = 4.7 V to 12 V
75
80
75
80
dB
TEMPERATURE RANGE
For Specified Performance
–40
+125
–40
+150
°C
NOTES
1Source imbalance < 2
Ω.
2The AD8200 preamplifier exceeds 80 dB CMRR at 10 kHz. However, since the signal is available only by way of a 100 k
Ω resistor, even the small amounts of pin-
to-pin capacitance between Pins 1, 8 and 3, 4 may couple an input common-mode signal larger than the greatly attenuated preamplifier output. The effect of pin-to-
pin coupling may be neglected in all applications using filter capacitors at Node 3.
Specifications subject to change without notice.
(TA = 25 C, VS = 5 V, VCM = 0 V, RL = 10 k .)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com