Electronic Components Datasheet Search
  English  ▼

X  

AD8210 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8210
Description  High Voltage, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8210 Datasheet HTML 8Page - Analog Devices AD8210 Datasheet HTML 9Page - Analog Devices AD8210 Datasheet HTML 10Page - Analog Devices AD8210 Datasheet HTML 11Page - Analog Devices AD8210 Datasheet HTML 12Page - Analog Devices AD8210 Datasheet HTML 13Page - Analog Devices AD8210 Datasheet HTML 14Page - Analog Devices AD8210 Datasheet HTML 15Page - Analog Devices AD8210 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8210
Rev. 0 | Page 13 of 16
INPUT FILTERING
In typical applications such as motor and solenoid current
sensing, filtering at the input of the AD8210 can be beneficial in
reducing differential noise, as well as transients and current
ripples flowing through the input shunt resistor. An input low-
pass filter can be implemented as shown in Figure 32.
The 3 dB frequency for this filter can be calculated using the
following formula:
FILTER
FILTER
C
R
f
×
×
π
=
2
1
dB
3
_
(1)
Adding outside components such as RFILTER and CFILTER
introduces additional errors to the system. To minimize these
errors as much as possible, it is recommended that RFILTER be
10 Ω or lower. By adding the RFILTER in series with the 2 kΩ
internal input resistors of the AD8210, a gain error is
introduced. This can be calculated using the following formula:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
−
=
FILTER
R
Error
Gain
kΩ
2
kΩ
2
100
100
(%)
(2)
AD8210
OUTPUT
G= +20
RSHUNT <RFILTER
CFILTER
RFILTER ≤ 10Ω
RFILTER ≤ 10Ω
+IN
–IN
VS
VREF1
VREF2
GND
VREF
0.1µF
0V ≤ VREF ≤ VS
Figure 32. Input Low-Pass Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com