Electronic Components Datasheet Search
  English  ▼

X  

AD8307 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8307
Description  Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8307 Datasheet HTML 9Page - Analog Devices AD8307 Datasheet HTML 10Page - Analog Devices AD8307 Datasheet HTML 11Page - Analog Devices AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8307
Rev. C | Page 13 of 24
1 MHz. To extend the range below this frequency, an external
capacitor can be added. This permits the high-pass corner to be
lowered to audio frequencies using a capacitor of modest value.
Note that this capacitor has no effect on the minimum signal
frequency for input levels above the offset voltage: this extends
down to dc (for a signal applied directly to the input pins). The
offset voltage varies from part to part; some exhibit essentially
stable offsets of under 100 μV without the benefit of an offset
adjustment.
EXTENSION OF RANGE
The theoretical dynamic range for the basic log amp shown in
Figure 26 is AN. For A = 5.2 (14.3 dB) and N = 6, it is 20,000 or
86 dB. The actual lower end of the dynamic range is largely
determined by the thermal noise floor, measured at the input of
the chain of amplifiers. The upper end of the range is extended
upward by the addition of top end detectors. The input signal is
applied to a tapped attenuator, and progressively smaller signals
are applied to three passive rectifying gm cells whose outputs are
summed with those of the main detectors. With care in design,
the extension to the dynamic range can be seamless over the full
frequency range. For the AD8307, it amounts to a further 27 dB.
Therefore, the total dynamic range is theoretically 113 dB. The
specified range of 90 dB (−74 dBm to +16 dBm) is for high
accuracy and calibrated operation, and includes the low end
degradation due to thermal noise and the top end reduction due
to voltage limitations. The additional stages are not, however,
redundant, but are needed to maintain accurate logarithmic
conformance over the central region of the dynamic range, and
in extending the usable range considerably beyond the specified
range. In applications where log conformance is less demanding,
the AD8307 can provide over 95 dB of range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com