Electronic Components Datasheet Search
  English  ▼

X  

AD8313ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices AD8313ARM Datasheet HTML 10Page - Analog Devices AD8313ARM Datasheet HTML 11Page - Analog Devices AD8313ARM Datasheet HTML 12Page - Analog Devices AD8313ARM Datasheet HTML 13Page - Analog Devices AD8313ARM Datasheet HTML 14Page - Analog Devices AD8313ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8313
Rev. D | Page 11 of 24
CIRCUIT DESCRIPTION
The AD8313 is an 8-stage logarithmic amplifier, specifically
designed for use in RF measurement and power amplifier
control applications at frequencies up to 2.5 GHz. A block
diagram is shown in Figure 22. For a detailed description of
log amp theory and design principles, refer to the AD8307
data sheet.
++
+
+
+
AD8313
VOUT
VSET
COMM
PWDN
GAIN
BIAS
BAND GAP
REFERENCE
SLOPE
CONTROL
INTERCEPT
CONTROL
EIGHT 8dB 3.5GHz AMPLIFIER STAGES
8dB
8dB
VPOS
INHI
INLO
VPOS
8dB
8dB
NINE DETECTOR CELLS
CINT
LP
I
→V
V
→I
1
8
7
6
5
2
3
4
Figure 22. Block Diagram
A fully differential design is used. Inputs INHI and INLO
(Pins 2 and 3) are internally biased to approximately 0.75 V
below the supply voltage, and present a low frequency impedance
of nominally 900 Ω in parallel with 1.1 pF. The noise spectral
density referred to the input is 0.6 nV/√Hz, equivalent to a
voltage of 35 V rms in a 3.5 GHz bandwidth, or a noise power of
−76 dBm re: 50 Ω. This sets the lower limit to the dynamic range;
the Applications section shows how to increase the sensitivity
by using a matching network or input transformer. However, the
low end accuracy of the AD8313 is enhanced by specially shaping
the demodulation transfer characteristic to partially compensate
for errors due to internal noise.
Each of the eight cascaded stages has a nominal voltage gain of
8 dB and a bandwidth of 3.5 GHz. Each stage is supported by
precision biasing cells that determine this gain and stabilize it
against supply and temperature variations. Since these stages are
direct-coupled and the dc gain is high, an offset compensation
loop is included. The first four stages and the biasing system are
powered from Pin 4, while the later stages and the output inter-
faces are powered from Pin 1. The biasing is controlled by a logic
interface PWDN (Pin 5); this is grounded for normal operation,
but may be taken high (to VS) to disable the chip. The threshold
is at VPOS/2 and the biasing functions are enabled and disabled
within 1.8 µs.
Each amplifier stage has a detector cell associated with its
output. These nonlinear cells perform an absolute value (full-
wave rectification) function on the differential voltages along
this backbone in a transconductance fashion; their outputs are
in current-mode form and are thus easily summed. A ninth
detector cell is added at the input of the AD8313. Since the
midrange response of each of these nine detector stages is
separated by 8 dB, the overall dynamic range is about 72 dB
(Figure 23). The upper end of this range is determined by the
capacity of the first detector cell, and occurs at approximately
0 dBm. The practical dynamic range is over 70 dB to the ±3 dB
error points. However, some erosion of this range can occur at
temperature and frequency extremes. Useful operation to over
3 GHz is possible, and the AD8313 remains serviceable at
10 MHz, needing only a small amount of additional ripple
filtering.
INPUT AMPLITUDE (dBm)
2.0
–80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–70
–60
–50
–40
–30
–20
–10
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
–90
INTERCEPT = –100dBm
SLOPE = 18mV/dB
Figure 23. Typical RSSI Response and Error vs. Input Power at 1.9 GHz
The fluctuating current output generated by the detector cells,
with a fundamental component at twice the signal frequency, is
filtered first by a low-pass section inside each cell, and then by
the output stage. The output stage converts these currents to a
voltage, VOUT, at VOUT (Pin 8), which can swing rail-to-rail. The
filter exhibits a 2-pole response with a corner at approximately
12 MHz and full-scale rise time (10% to 90%) of 40 ns. The
residual output ripple at an input frequency of 100 MHz has an
amplitude of under 1 mV. The output can drive a small resistive
load; it can source currents of up to 400 µA, and sink up to
10 mA. The output is stable with any capacitive load, though
settling time could be impaired. The low frequency incremental
output impedance is approximately 0.2 Ω.
In addition to its use as an RF power measurement device (that
is, as a logarithmic amplifier), the AD8313 may also be used in
controller applications by breaking the feedback path from
VOUT to VSET (Pin 7), which determines the slope of the
output (nominally 18 mV/dB). This pin becomes the setpoint
input in controller modes. In this mode, the voltage VOUT
remains close to ground (typically under 50 mV) until the
decibel equivalent of the voltage VSET is reached at the input,
when VOUT makes a rapid transition to a voltage close to VPOS
(see the Operating in Controller Mode section). The logarithmic
intercept is nominally positioned at −100 dBm (re: 50 Ω); this is
effective in both the log amp mode and the controller mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com