Electronic Components Datasheet Search
  English  ▼

X  

AD8314 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8314
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8314 Datasheet HTML 12Page - Analog Devices AD8314 Datasheet HTML 13Page - Analog Devices AD8314 Datasheet HTML 14Page - Analog Devices AD8314 Datasheet HTML 15Page - Analog Devices AD8314 Datasheet HTML 16Page - Analog Devices AD8314 Datasheet HTML 17Page - Analog Devices AD8314 Datasheet HTML 18Page - Analog Devices AD8314 Datasheet HTML 19Page - Analog Devices AD8314 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8314
Rev. B | Page 19 of 20
Figure 46. Layout of Component Side (MSOP)
Figure 47. Silkscreen of Component Side (MSOP)
Table 7. Evaluation Board Configuration Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins.
Not Applicable
SW1
Device Enable: When in Position A, the ENBL pin is connected to +VS and the AD8314 is in
operating mode. In Position B, the ENBL pin is grounded, putting the device in power-down mode.
SW1 = A
R1, R2
Input Interface. The 52.3 Ω resistor in Position R2 combines with the AD8314’s internal input
impedance to give a broadband input impedance of around 50 Ω. A reactive match can be
implemented by replacing R2 with an inductor and R1 (0 Ω) with a capacitor. Note that the
AD8314’s RF input is internally ac-coupled.
R2 = 52.3 Ω (Size 0603)
R1 = 0 Ω (Size 0402)
R3, R4, C2,
R5, R6, C3
Output Interface. R4, C2, R6, and C3 can be used to check the response of V_UP and V_DN to
capacitive and resistive loading. R3/R4 and R5/R6 can be used to reduce the slope of V_UP
and V_DN.
R4 = C2 = R6 =
C3 = Open (Size 0603)
R3= R5 = 0 Ω (Size 0603)
C1, R9
Power Supply Decoupling. The nominal supply decoupling consists of a 0.1 μF capacitor (C1).
A series inductor or small resistor can be placed in R9 for additional decoupling.
C1 = 0.1 μF (Size 0603)
R9 = 0 Ω (Size 0603)
C4
Filter Capacitor. The response time of V_UP and V_DN can be modified by placing a capacitor
between FILTR and V_UP.
C4 = Open (Size 0603)
R7, R8
Slope Adjust. By installing resistors in R7 and R8, the nominal slope of 20 mV/dB can be
increased. See Increasing the Logarithmic Slope in Measurement Mode for more details.
R7 = 0 Ω (Size 0603)
R8 = Open (Size 0603)
LK1
Measurement/Controller Mode. LK1 shorts V_UP to VSET, placing the AD8314 in measurement
mode. Removing LK1 places the AD8314 in controller mode.
LK1 = Installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com