Electronic Components Datasheet Search
  English  ▼

X  

AD8314ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8314ARM Datasheet HTML 12Page - Analog Devices AD8314ARM Datasheet HTML 13Page - Analog Devices AD8314ARM Datasheet HTML 14Page - Analog Devices AD8314ARM Datasheet HTML 15Page - Analog Devices AD8314ARM Datasheet HTML 16Page - Analog Devices AD8314ARM Datasheet HTML 17Page - Analog Devices AD8314ARM Datasheet HTML 18Page - Analog Devices AD8314ARM Datasheet HTML 19Page - Analog Devices AD8314ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8314
Rev. B | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
8°
0°
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 48. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
0.30
0.23
0.18
SEATING
PLANE
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
1.89
1.74
1.59
0.50 BSC
0.60
0.45
0.30
0.55
0.40
0.30
0.15
0.10
0.05
0.25
0.20
0.15
BOTTOM VIEW
*
4
1
58
3.25
3.00
2.75
1.95
1.75
1.55
2.95
2.75
2.55
PIN 1
INDICATOR
2.25
2.00
1.75
TOP VIEW
0.05 MAX
0.02 NOM
12° MAX
EXPOSED PAD
Figure 49. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
2 mm × 3 mm Body, Very Thin, Dual Lead (CP-8-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
Ordering
Quantity
AD8314ARM
−40°C to +85°C
8-Lead MSOP, Tube
RM-8
J5A
50
AD8314ARM-REEL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
J5A
3,000
AD8314ARM-REEL7
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
J5A
1,000
AD8314ARMZ1
−40°C to +85°C
8-Lead MSOP, Tube
RM-8
J5A#
50
AD8314ARMZ-REEL1
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
J5A#
3,000
AD8314ARMZ-REEL71
−40°C to +85°C
8-Lead MSOP, 7" Tape and Reel
RM-8
J5A#
1,000
AD8314-EVAL
MSOP Evaluation Board
AD8314ACP-REEL
−40°C to +85°C
8-Lead LFCSP_VD, 13" Tape and Reel
CP-8-1
J5
10,000
AD8314ACP-REEL7
−40°C to +85°C
8-Lead LFCSP_VD, 7" Tape and Reel
CP-8-1
J5
3,000
AD8314ACP-WP
−40°C to +85°C
8-Lead LFCSP_VD, Waffle Pack
CP-8-1
J5
50
AD8314ACPZ-REEL1
−40°C to +85°C
8-Lead LFCSP_VD, 13" Tape and Reel
CP-8-1
0F
10,000
AD8314ACPZ-RL71
−40°C to +85°C
8-Lead LFCSP_VD, 7" Tape and Reel
CP-8-1
0F
3,000
AD8314ACP-EVAL
LFCSP_VD Evaluation Board
T
1 Z = Pb-free part, # denotes lead-free product may be top or bottom marked.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01086-0-5/06(B)
TTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com