Electronic Components Datasheet Search
  English  ▼

X  

AD8315 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8315
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8315 Datasheet HTML 5Page - Analog Devices AD8315 Datasheet HTML 6Page - Analog Devices AD8315 Datasheet HTML 7Page - Analog Devices AD8315 Datasheet HTML 8Page - Analog Devices AD8315 Datasheet HTML 9Page - Analog Devices AD8315 Datasheet HTML 10Page - Analog Devices AD8315 Datasheet HTML 11Page - Analog Devices AD8315 Datasheet HTML 12Page - Analog Devices AD8315 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8315
Rev. C | Page 9 of 24
FREQUENCY (GHz)
25
0
24
23
22
21
20
0.5
1.0
1.5
2.0
2.5
+85°C
+25°C
–30°C
Figure 15. Slope vs. Frequency; −30°C, +25°C, and +85°C
24
2.5
23
22
21
0.1GHz
0.9GHz
1.9GHz
2.5GHz
VS (V)
3.0
3.5
4.0
4.5
5.0
5.5
Figure 16. Slope vs. Supply Voltage
FREQUENCY (Hz)
45
10
35
25
15
5
–5
–15
–25
–35
0
–20
–40
–60
–80
–100
–120
40
20
0
–20
30
10
–10
–30
–40
–10
–30
–50
–70
–90
–110
–130
CFLT = 0pF
CFLT = 220pF
100
1k
10k
100k
1M
10M
Figure 17. AC Response from VSET to VAPC
FREQUENCY (GHz)
–66
0
–68
–70
–72
–74
–76
–78
–80
+25°C
+85°C
–30°C
0.5
1.0
1.5
2.0
2.5
Figure 18. Intercept vs. Frequency; −30°C, +25°C, and +85°C
2.5
–68
–70
–72
–74
–76
–78
–80
0.9GHz
1.9GHz
0.1GHz
2.5GHz
VS (V)
3.0
3.5
4.0
4.5
5.0
5.5
Figure 19. Intercept vs. Supply Voltage
FREQUENCY (Hz)
10000
100
1000
100
10
1k
10k
100k
1M
10M
RF INPUT
–51dBV
–48dBV
–13dBV
–23dBV
–43dBV
–33dBV
–53dBV AND
–63dBV
CFLT = 220pF, RF INPUT = 2GHz
Figure 20. VAPC Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com