Electronic Components Datasheet Search
  English  ▼

X  

AD8315ACHIPS Datasheet(PDF) 14 Page - Analog Devices

Part # AD8315ACHIPS
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ACHIPS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8315ACHIPS Datasheet HTML 10Page - Analog Devices AD8315ACHIPS Datasheet HTML 11Page - Analog Devices AD8315ACHIPS Datasheet HTML 12Page - Analog Devices AD8315ACHIPS Datasheet HTML 13Page - Analog Devices AD8315ACHIPS Datasheet HTML 14Page - Analog Devices AD8315ACHIPS Datasheet HTML 15Page - Analog Devices AD8315ACHIPS Datasheet HTML 16Page - Analog Devices AD8315ACHIPS Datasheet HTML 17Page - Analog Devices AD8315ACHIPS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8315
Rev. C | Page 14 of 24
First, the summed detector currents are written as a function of
the input
IDET
= ISLP log10 (VIN/VZ)
(3)
where:
IDET
is the partially filtered demodulated signal, whose
exact average value is extracted through the subsequent
integration step.
ISLP
is the current-mode slope and has a value of 115 μA per
decade (that is, 5.75 μA/dB).
VIN
is the input in V rms.
VZ
is the effective intercept voltage, which, as previously noted,
is dependent on waveform but is 316 μV rms (−70 dBV) for a
sine wave input.
Now the current generated by the setpoint interface is simply
ISET(4)
= VSET/415 kΩ
(4)
The difference between this current and IDET is applied to the
loop filter capacitor CFLT. It follows that the voltage appearing
on this capacitor, VFLT, is the time integral of the difference
current:
VFLT(s)
= (ISET − IDET)/sCFLT
(5)
(
)
FLT
Z
IN
SLP
SET
sC
V
V
I
V
10
log
kΩ
4.15
−
=
(6)
The control output VAPC is slightly greater than this, because the
gain of the output buffer is ×1.35. In addition, an offset voltage
is deliberately introduced in this stage; this is inconsequential
because the integration function implicitly allows for an
arbitrary constant to be added to the form of Equation 6. The
polarity is such that VAPC rises to its maximum value for any
value of VSET greater than the equivalent value of VIN. In
practice, the VAPC output rails to the positive supply under this
condition unless the control loop through the power amplifier
is present. In other words, the AD8315 seeks to drive the RF
power to its maximum value whenever it falls below the
setpoint. The use of exact integration results in a final error that
is theoretically 0, and the logarithmic detection law would
ideally result in a constant response time following a step
change of either the setpoint or the power level, if the power-
amplifier control function were likewise linear in dB. However,
this latter condition is rarely true, and it follows that in practice,
the loop response time depends on the power level, and this
effect can strongly influence the design of the control loop.
Equation 6 can be restated as
()
(
)
sT
V
V
V
V
s
V
Z
IN
SLP
SET
APC
10
log
−
=
(7)
where VSLP is the volts-per-decade slope from Equation 1,
having a value of 480 mV/decade, and T is an effective time
constant for the integration, being equal to 4.15 kΩ × CFLT/1.35;
the resistor value comes from the setpoint interface scaling
Equation 4 and the factor 1.35 arises because of the voltage gain
of the buffer. Therefore, the integration time constant can be
written as
T
= 3.07 CFLT in μs, when C is expressed in nF
(8)
To simplify our understanding of the control loop dynamics,
begin by assuming that the power amplifier gain function is
actually linear in dB, and for the moment, use voltages to
express the signals at the power amplifier input and output.
Let the RF output voltage be VPA and let its input be VCW.
Furthermore, to characterize the gain control function, this
form is used
(
)
GBC
APC V
V
CW
O
PA
V
G
V
10
=
(9)
where:
GO
is the gain of the power amplifier when VAPC = 0.
VGBC
is the gain scaling.
While few amplifiers conform so conveniently to this law, it
provides a clearer starting point for understanding the more
complex situation that arises when the gain control law is less ideal.
This idealized control loop is shown in Figure 34. With some
manipulation, it is found that the characteristic equation of this
system is
() (
)
(
)
O
Z
CW
O
GBC
SLP
GBC
SET
APC
sT
V
V
kG
V
V
V
V
s
V
+
−
=
1
log
10
(10)
where:
k
is the coupling factor from the output of the power amplifier
to the input of the AD8315 (for example, ×0.1 for a 20 dB coupler).
TO
is a modified time constant (VGBC/VSLP)T.
This is quite easy to interpret. First, it shows that a system of
this sort exhibits a simple single-pole response, for any power
level, with the customary exponential time domain form for
either increasing or decreasing step polarities in the demand
level VSET or the carrier input VCW. Second, it reveals that the
final value of the control voltage VAPC is determined by several
fixed factors:
(
) (
)
(
)
Z
CW
O
SLP
GBC
SET
APC
V
V
kG
V
V
V
V
10
log
τ
−
=
∞
=
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com