Electronic Components Datasheet Search
  English  ▼

X  

TPS72115 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS72115
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72115 Datasheet(HTML) 3 Page - Texas Instruments

  TPS72115 Datasheet HTML 1Page - Texas Instruments TPS72115 Datasheet HTML 2Page - Texas Instruments TPS72115 Datasheet HTML 3Page - Texas Instruments TPS72115 Datasheet HTML 4Page - Texas Instruments TPS72115 Datasheet HTML 5Page - Texas Instruments TPS72115 Datasheet HTML 6Page - Texas Instruments TPS72115 Datasheet HTML 7Page - Texas Instruments TPS72115 Datasheet HTML 8Page - Texas Instruments TPS72115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
over recommended operating junction temperature range V
IN = VOUT(Nom) + 1 V, IOUT = 1 mA, EN = VIN, COUT = 1 µF (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage(1)
1.8
5.5
V
VOUT
Output voltage range
TPS72101
1.225
2.5
V
IOUT
Continuous output current
0
150
mA
TJ
Operating junction temperature
-40
125
°C
TPS72101
0 µA < IOUT < 150 mA(1)
1.8 V
≤ V
OUT ≤ 2.5 V
0.97 VO
1.03 VO
TJ = 25°C
1.5
TPS72115
0 µA < IOUT < 150 mA
2.5 V
≤ V
IN ≤ 5.5 V
1.455
1.545
VOUT
Output voltage
TJ = 25°C
1.6
V
TPS72116
0 µA < IOUT < 150 mA
2.6 V
≤ V
IN ≤ 5.5 V
1.552
1.648
TJ = 25°C
1.8
TPS72118
0 µA < IOUT < 150 mA
2.8 V
≤ V
IN ≤ 5.5 V
1.746
1.854
TJ = 25°C
85
120
I(Q)
Quiescent current (GND current)
µA
IOUT = 150 mA
TJ = 25°C
570
IOUT = 150 mA
850
EN < 0.5 V
TJ = 25°C
0.01
Standby current
µA
EN < 0.5 V
1
BW = 200 Hz to 100 kHz, TJ
Vn
Output noise voltage
TPS72115
Co = 1 µF
90
µV
= 25°C
Vref
Reference voltage
TJ = 25°C
1.225
V
f = 100 Hz, Co = 10 µF, IOUT
PSRR
Ripple rejection
TJ = 25°C; See (1)
48
dB
= 150 mA
Current limit
See (2)
175
525
mA
TJ= 25°C
0.03
0.09
Output voltage line regulation
VO + 1 V < VIN≤ 2.5 V
%/V
(
∆V
OUT/VOUT)
(1)
0.1
Output voltage load
TPS72118
0 < IOUT < 150 mA
TJ = 25°C
0.5
mV
regulation
VIH
EN high level input
1.4
V
VIL
EN low level input
-0.2
0.4
EN = 0 V
-0.01
II
EN input current
µA
EN = IN
-0.01
TPS72118
IOUT = 150 mA
TJ = 25°C
150
VDO
Dropout voltage(3)
mV
TPS72101
IOUT = 150 mA
1.2 V
≤ V
O ≤ 5.2 V
240
In
Feedback input current
TPS72101
1
µA
Thermal shutdown temperature
170
°C
Thermal shutdown hysteresis
20
°C
(1)
Minimum IN operating voltage is 1.8 V or VOUT + VDO, whichever is greater.
(2)
Test condition includes output voltage VO = 1 V and pulse duration = 10 mS.
(3)
Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with VIN =
VOUT+ VDO.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com