Electronic Components Datasheet Search
  English  ▼

X  

AD8324ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8324ACPZ
Description  3.3 V Upstream Cable Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8324ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8324ACPZ Datasheet HTML 2Page - Analog Devices AD8324ACPZ Datasheet HTML 3Page - Analog Devices AD8324ACPZ Datasheet HTML 4Page - Analog Devices AD8324ACPZ Datasheet HTML 5Page - Analog Devices AD8324ACPZ Datasheet HTML 6Page - Analog Devices AD8324ACPZ Datasheet HTML 7Page - Analog Devices AD8324ACPZ Datasheet HTML 8Page - Analog Devices AD8324ACPZ Datasheet HTML 9Page - Analog Devices AD8324ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8324
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
TOP VIEW
(Not to Scale)
AD8324
1
2
3
4
5
15
14
13
12
11
16
17
20 19 18
67
8
9
10
GND
GND
GND
VIN+
VIN–
RAMP
VOUT+
VOUT–
BYP
NC
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD8324
TXEN
SDATA
VCC
CLK
VIN+
SLEEP
BYP
NC
VOUT+
NC = NO CONNECT
GND
GND
GND
GND
VIN–
GND
RAMP
VOUT–
GND
VCC
DATEN
Figure 5. 20-Lead LFCSP
Figure 6. 20-Lead QSOP
Table 6. Pin Function Descriptions
Pin No.
Pin No.
20-Lead
LFCSP
20-Lead
QSOP
Mnemonic
Description
1, 2, 5, 9,
18, 19
1, 3, 4, 7,
11, 20
GND
Common External Ground Reference.
17, 20
2, 19
VCC
Common Positive External Supply Voltage.
3
5
VIN+
Noninverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1 μF
capacitor.
4
6
VIN–
Inverting Input. DC-biased to approximately VCC/2. Should be ac-coupled with a 0.1 μF capacitor.
6
8
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A
Logic 0-to-1 transition transfers the latched data to the attenuator core (updates the gain) and
simultaneously inhibits serial data transfer into the register. A 1-to-0 transition inhibits the data
latch (holds the previous and simultaneously enables the register for serial data load).
7
9
SDATA
Serial Data Input. This digital input allows an 8-bit serial (gain) word to be loaded into the internal
register with the MSB (most significant bit) first.
8
10
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-
slave shift register. Logic 0-to-1 transition latches the data bit, and a 1-to-0 transfers the data bit
to the slave. This requires the input serial data-word to be valid at or before this clock transition.
10
12
SLEEP
Low Power Sleep Mode. In the sleep mode, the AD8324’s supply current is reduced to 30 μA. A
Logic 0 powers down the part (high ZOUT state), and a Logic 1 powers up the part.
12
14
BYP
Internal Bypass. This pin must be externally decoupled (0.1 μF capacitor).
13
15
VOUT–
Negative Output Signal. Must be biased to VCC. See Figure 23.
14
16
VOUT+
Positive Output Signal. Must be biased to VCC. See Figure 23.
15
17
RAMP
External RAMP Capacitor (Optional).
16
18
TXEN
Logic 0 disables forward transmission. Logic 1 enables forward transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com