Electronic Components Datasheet Search
  English  ▼

X  

AD8331 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8331
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8331_06 Datasheet HTML 7Page - Analog Devices AD8331_06 Datasheet HTML 8Page - Analog Devices AD8331_06 Datasheet HTML 9Page - Analog Devices AD8331_06 Datasheet HTML 10Page - Analog Devices AD8331_06 Datasheet HTML 11Page - Analog Devices AD8331_06 Datasheet HTML 12Page - Analog Devices AD8331_06 Datasheet HTML 13Page - Analog Devices AD8331_06 Datasheet HTML 14Page - Analog Devices AD8331_06 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD8331/AD8332/AD8334
Rev. E | Page 11 of 40
Pin No.
Mnemonic
Description
29
HILO
Gain Select for Postamp 0 dB or 12 dB
30
VCM4
CH4 Common-Mode Voltage—AC Bypass
31
VCM3
CH3 Common-Mode Voltage—AC Bypass
32
NC
No Connect
33
COM34
VGA Ground, CH3 and CH4
34
VOH4
CH4 Positive VGA Output
35
VOL4
CH4 Negative VGA Output
36
VPS34
VGA Supply 5V CH3 and CH4
37
VOL3
CH3 Negative VGA Output
38
VOH3
CH3 Positive VGA Output
39
COM34
VGA ground CH3 and CH4
40
NC
No Connect
41
MODE
Gain Control SLOPE, Logic Input, 0 = Positive
42
COM12
VGA Ground CH1 and CH2
43
VOH2
CH2 Positive VGA Output
44
VOL2
CH2 Negative VGA Output
45
VPS12
CH2 VGA Supply 5 V CH1 and CH2
46
VOL1
CH1 Negative VGA Output
47
VOH1
CH1 Positive VGA Output
48
COM12
VGA Ground CH1 and CH2
49
VCM2
CH2 Common-Mode Voltage—AC Bypass
50
VCM1
CH1 Common-Mode Voltage—AC Bypass
51
EN34
Shared LNA/VGA Enable, CH3 and CH4
52
EN12
Shared LNA/VGA Enable, CH1 and CH2
53
CLMP12
Output Clamping Level Input, CH1 and CH2
54
GAIN12
Gain Control Voltage CH1 and CH2
55
VPS1
CH1 LNA Supply 5 V
56
VIN1
CH1 VGA Negative Input
57
VIP1
CH1 VGA Positive Input
58
LOP1
CH1 LNA Positive Output
59
LON1
CH1 LNA Feedback Output (for RFBK)
60
COM1X
CH1 LNA Ground Shield
61
LMD1
CH1 LNA VMID Bypass (AC-Coupled to GND)
62
INH1
CH1 LNA Input
63
COM1
CH1 LNA Ground
64
COM2
CH2 LNA Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com