Electronic Components Datasheet Search
  English  ▼

X  

AD8328ACPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8328ACPZ
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328ACPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8328ACPZ Datasheet HTML 11Page - Analog Devices AD8328ACPZ Datasheet HTML 12Page - Analog Devices AD8328ACPZ Datasheet HTML 13Page - Analog Devices AD8328ACPZ Datasheet HTML 14Page - Analog Devices AD8328ACPZ Datasheet HTML 15Page - Analog Devices AD8328ACPZ Datasheet HTML 16Page - Analog Devices AD8328ACPZ Datasheet HTML 17Page - Analog Devices AD8328ACPZ Datasheet HTML 18Page - Analog Devices AD8328ACPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8328
Rev. A | Page 15 of 20
P1 2
P1 3
P1 5
P1 6
P1 7
P1 16
TP12
TP11
TP10
TP_VCC1
AGND1
VCC1
TP_AGND1
P1 19
P1 33
P1 30
P1 29
P1 28
P1 27
P1 26
P1 25
P1 24
P1 23
P1 22
P1 21
P1 20
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD8328
QSOP
TXEN
VCC
SLEEP
BYP
NC
VOUT+
GND
RAMP
VOUT–
GND
SDATA
CLK
VIN+
GND
GND
GND
VIN–
VCC
DATEN
GND
6
4
CABLE_OA
R15
0Ω
R16
TOKO
617DB-A0070
VCC1
1
2
3
C11
TP9
C1A
0.1µF
R2
T1
R3
VIN+_A
VIN–_A
R1
R17
R4
78.7Ω
R6
0Ω
TP1
TP2
TP3
TP4
TP5
TOKO
458PT-1087
VCC
C7
C3
C4
C5
C6
C2A
0.1μF
R5
1kΩ
R8
0Ω
R7
1kΩ
R10
0Ω
R9
1kΩ
R12
0Ω
R11
1kΩ
R14
0Ω
R13
1kΩ
C9 0.1µF
C10 0.1µF
C8
10µF
C12 0.1µF
C13
0.1µF
Figure 26. AD8328 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com